Electronic Components Datasheet Search
  English  ▼

X  

D8088 Datasheet(PDF) 5 Page - Intel Corporation

Part # D8088
Description  8-BIT HMOS MICROPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D8088 Datasheet(HTML) 5 Page - Intel Corporation

  D8088 Datasheet HTML 1Page - Intel Corporation D8088 Datasheet HTML 2Page - Intel Corporation D8088 Datasheet HTML 3Page - Intel Corporation D8088 Datasheet HTML 4Page - Intel Corporation D8088 Datasheet HTML 5Page - Intel Corporation D8088 Datasheet HTML 6Page - Intel Corporation D8088 Datasheet HTML 7Page - Intel Corporation D8088 Datasheet HTML 8Page - Intel Corporation D8088 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
8088
Table 1 Pin Description
(Continued)
Symbol
Pin No
Type
Name and Function
RQ GT0
RQ GT1
30 31
IO
REQUESTGRANT
pins are used by other local bus masters to force the
processor to release the local bus at the end of the processor’s current bus
cycle Each pin is bidirectional with RQ GT0 having higher priority than RQ
GT1 RQ GT has an internal pull-up resistor so may be left unconnected
The requestgrant sequence is as follows (See Figure 8)
1 A pulse of one CLK wide from another local bus master indicates a local
bus request (‘‘hold’’) to the 8088 (pulse 1)
2 During a T4 or TI clock cycle a pulse one clock wide from the 8088 to the
requesting master (pulse 2) indicates that the 8088 has allowed the local
bus to float and that it will enter the ‘‘hold acknowledge’’ state at the next
CLK The CPU’s bus interface unit is disconnected logically from the local
bus during ‘‘hold acknowledge’’ The same rules as for HOLDHOLDA apply
as for when the bus is released
3 A pulse one CLK wide from the requesting master indicates to the 8088
(pulse 3) that the ‘‘hold’’ request is about to end and that the 8088 can
reclaim the local bus at the next CLK The CPU then enters T4
Each master-master exchange of the local bus is a sequence of three
pulses There must be one idle CLK cycle after each bus exchange Pulses
are active LOW
If the request is made while the CPU is performing a memory cycle it will
release the local bus during T4 of the cycle when all the following conditions
are met
1 Request occurs on or before T2
2 Current cycle is not the low bit of a word
3 Current cycle is not the first acknowledge of an interrupt acknowledge
sequence
4 A locked instruction is not currently executing
If the local bus is idle when the request is made the two possible events will
follow
1 Local bus will be released during the next clock
2 A memory cycle will start within 3 clocks Now the four rules for a currently
active memory cycle apply with condition number 1 already satisfied
LOCK
29
O
LOCK
indicates that other system bus masters are not to gain control of the
system bus while LOCK is active (LOW) The LOCK signal is activated by
the ‘‘LOCK’’ prefix instruction and remains active until the completion of the
next instruction This signal is active LOW and floats to 3-state off in ‘‘hold
acknowledge’’
QS1 QS0
24 25
O
QUEUE STATUS
provide status to allow external tracking of the internal
8088 instruction queue
The queue status is valid during the CLK cycle after which the queue
operation is performed
QS1
QS0
Characteristics
0(LOW)
0
No Operation
0
1
First Byte of Opcode from Queue
1(HIGH)
0
Empty the Queue
1
1
Subsequent Byte from Queue
34
O
Pin 34 is always high in the maximum mode
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com