Electronic Components Datasheet Search
  English  ▼

X  

D8088 Datasheet(PDF) 3 Page - Intel Corporation

Part # D8088
Description  8-BIT HMOS MICROPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D8088 Datasheet(HTML) 3 Page - Intel Corporation

  D8088 Datasheet HTML 1Page - Intel Corporation D8088 Datasheet HTML 2Page - Intel Corporation D8088 Datasheet HTML 3Page - Intel Corporation D8088 Datasheet HTML 4Page - Intel Corporation D8088 Datasheet HTML 5Page - Intel Corporation D8088 Datasheet HTML 6Page - Intel Corporation D8088 Datasheet HTML 7Page - Intel Corporation D8088 Datasheet HTML 8Page - Intel Corporation D8088 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
8088
Table 1 Pin Description
(Continued)
Symbol
Pin No
Type
Name and Function
NMI
17
I
NON-MASKABLE INTERRUPT
is an edge triggered input which causes a
type 2 interrupt A subroutine is vectored to via an interrupt vector lookup
table located in system memory NMI is not maskable internally by
software A transition from a LOW to HIGH initiates the interrupt at the end
of the current instruction This input is internally synchronized
RESET
21
I
RESET
causes the processor to immediately terminate its present activity
The signal must be active HIGH for at least four clock cycles It restarts
execution as described in the instruction set description when RESET
returns LOW RESET is internally synchronized
CLK
19
I
CLOCK
provides the basic timing for the processor and bus controller It is
asymmetric with a 33% duty cycle to provide optimized internal timing
VCC
40
VCC is the a5V g10% power supply pin
GND
1 20
GND
are the ground pins
MNMX
33
I
MINIMUMMAXIMUM
indicates what mode the processor is to operate in
The two modes are discussed in the following sections
The following pin function descriptions are for the 8088 minimum mode (ie MNMX e VCC) Only the pin
functions which are unique to minimum mode are described all other pin functions are as described above
Symbol Pin No
Type
Name and Function
IOM
28
O
STATUS LINE
is an inverted maximum mode S2 It is used to distinguish a
memory access from an IO access IOM becomes valid in the T4 preceding a
bus cycle and remains valid until the final T4 of the cycle (IO e HIGH M e
LOW) IOM floats to 3-state OFF in local bus ‘‘hold acknowledge’’
WR
29
O
WRITE
strobe indicates that the processor is performing a write memory or write
IO cycle depending on the state of the IOM signal WR is active for T2 T3 and
Tw of any write cycle It is active LOW and floats to 3-state OFF in local bus
‘‘hold acknowledge’’
INTA
24
O
INTA
is used as a read strobe for interrupt acknowledge cycles It is active LOW
during T2 T3 and Tw of each interrupt acknowledge cycle
ALE
25
O
ADDRESS LATCH ENABLE
is provided by the processor to latch the address
into an address latch It is a HIGH pulse active during clock low of T1 of any bus
cycle Note that ALE is never floated
DTR
27
O
DATA TRANSMITRECEIVE
is needed in a minimum system that desires to use
a data bus transceiver It is used to control the direction of data flow through the
transceiver Logically DTR is equivalent to S1 in the maximum mode and its
timing is the same as for IOM (T e HIGH R e LOW) This signal floats to
3-state OFF in local ‘‘hold acknowledge’’
DEN
26
O
DATA ENABLE
is provided as an output enable for the data bus transceiver in a
minimum system which uses the transceiver DEN is active LOW during each
memory and IO access and for INTA cycles For a read or INTA cycle it is
active from the middle of T2 until the middle of T4 while for a write cycle it is
active from the beginning of T2 until the middle of T4 DEN floats to 3-state OFF
during local bus ‘‘hold acknowledge’’
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com