Electronic Components Datasheet Search
  English  ▼

X  

D8088 Datasheet(PDF) 22 Page - Intel Corporation

Part # D8088
Description  8-BIT HMOS MICROPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D8088 Datasheet(HTML) 22 Page - Intel Corporation

Back Button D8088 Datasheet HTML 18Page - Intel Corporation D8088 Datasheet HTML 19Page - Intel Corporation D8088 Datasheet HTML 20Page - Intel Corporation D8088 Datasheet HTML 21Page - Intel Corporation D8088 Datasheet HTML 22Page - Intel Corporation D8088 Datasheet HTML 23Page - Intel Corporation D8088 Datasheet HTML 24Page - Intel Corporation D8088 Datasheet HTML 25Page - Intel Corporation D8088 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
8088
AC CHARACTERISTICS (Continued)
TIMING RESPONSES
Symbol
Parameter
8088
8088-2
Units
Test
Min
Max
Min
Max
Conditions
TCLML
Command Active Delay
10
35
10
35
ns
(Note 1)
TCLMH
Command Inactive Delay
10
35
10
35
ns
(Note 1)
TRYHSH READY Active to
110
65
ns
Status Passive (Note 3)
TCHSV
Status Active Delay
10
110
10
60
ns
TCLSH
Status Inactive Delay
10
130
10
70
ns
TCLAV
Address Valid Delay
10
110
10
60
ns
TCLAX
Address Hold Time
10
10
ns
TCLAZ
Address Float Delay
TCLAX
80
TCLAX
50
ns
TSVLH
Status Valid to ALE High
15
15
ns
(Note 1)
TSVMCH Status Valid to MCE High
15
15
ns
(Note 1)
TCLLH
CLK Low to ALE Valid
15
15
ns
(Note 1)
TCLMCH CLK Low to MCE (Note 1)
15
15
ns
TCHLL
ALE Inactive Delay (Note 1)
15
15
ns
TCLMCL MCE Inactive Delay (Note 1)
15
15
ns
TCLDV
Data Valid Delay
10
110
10
60
ns
TCHDX
Data Hold Time
10
10
ns
CL e 20–100 pF for
TCVNV
Control Active Delay
5
45
5
45
ns
All 8088 Outputs
(Note 1)
in Addition to
TCVNX
Control Inactive Delay
10
45
10
45
ns
Internal Loads
(Note 1)
TAZRL
Address Float to
0
0
ns
Read Active
TCLRL
RD Active Delay
10
165
10
100
ns
TCLRH
RD Inactive Delay
10
150
10
80
ns
TRHAV
RD Inactive to Next
TCLCLb45
TCLCLb40
ns
Address Active
TCHDTL Direction Control
50
50
ns
Active Delay (Note 1)
TCHDTH Direction Control
30
30
ns
Inactive Delay (Note 1)
TCLGL
GT Active Delay
85
50
ns
TCLGH
GT Inactive Delay
85
50
ns
TRLRH
RD Width
2TCLCLb75
2TCLCLb50
ns
TOLOH
Output Rise Time
20
20
ns
From 08V to 20V
TOHOL
Output Fall Time
12
12
ns
From 20V to 08V
NOTES
1 Signal at 8284 or 8288 shown for reference only
2 Setup requirement for asynchronous signal only to guarantee recognition at next CLK
3 Applies only to T3 and wait states
4 Applies only to T2 state (8 ns into T3 state)
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com