Electronic Components Datasheet Search
  English  ▼

X  

80960SB Datasheet(PDF) 16 Page - Intel Corporation

Part # 80960SB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960SB Datasheet(HTML) 16 Page - Intel Corporation

Back Button 80960SB Datasheet HTML 12Page - Intel Corporation 80960SB Datasheet HTML 13Page - Intel Corporation 80960SB Datasheet HTML 14Page - Intel Corporation 80960SB Datasheet HTML 15Page - Intel Corporation 80960SB Datasheet HTML 16Page - Intel Corporation 80960SB Datasheet HTML 17Page - Intel Corporation 80960SB Datasheet HTML 18Page - Intel Corporation 80960SB Datasheet HTML 19Page - Intel Corporation 80960SB Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
12
80960SB
Figure 6. Typical Supply Current vs. Case Temperature
Figure 7. Typical Current vs. Frequency (Room Temp)
VCC = 5.0V
CASE TEMPERATURE (°C)
16 MHz
10 MHz
100
150
200
250
300
350
-60 -40 -20
0
20
40
60
80 100 120 140
0
5
10
15
20
25
OPERATING FREQUENCY (MHz)
4.5V
5.0V
5.5V
TEMP = +22°C
500
450
400
350
300
250
200
150
100
50
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com