Electronic Components Datasheet Search
  English  ▼

X  

80960SB Datasheet(PDF) 30 Page - Intel Corporation

Part # 80960SB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960SB Datasheet(HTML) 30 Page - Intel Corporation

Back Button 80960SB Datasheet HTML 26Page - Intel Corporation 80960SB Datasheet HTML 27Page - Intel Corporation 80960SB Datasheet HTML 28Page - Intel Corporation 80960SB Datasheet HTML 29Page - Intel Corporation 80960SB Datasheet HTML 30Page - Intel Corporation 80960SB Datasheet HTML 31Page - Intel Corporation 80960SB Datasheet HTML 32Page - Intel Corporation 80960SB Datasheet HTML 33Page - Intel Corporation 80960SB Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
26
80960SB
3.4
Package Thermal Specifications
The 80960SB is specified for operation when case
temperature is within the range 0°C to +85°C (PLCC)
or 0°C to 100°C (QFP). Measure case temperature
at the top center of the package. Ambient temper-
ature can be calculated from:
TJ = TC + P*θJC
TA = TJ - P*θJA
TC = TA + P*[θJA−θJC]
Compute P by multiplying the maximum voltage by
the typical current at maximum temperature. Values
for
θ
JA and θJC for various airflows are given in Table
13 for the QFP package and in Table 14 for the
PLCC package. ICC at maximum temperature is
typically 80 percent of specified ICC maximum (cold).
Table 13. 80960SB QFP Package Thermal Characteristics
Thermal Resistance — °C/Watt
Parameter
Airflow — ft./min (m/sec)
0
50
100
200
400
600
800
θ Junction-to-Ambient (Case
measured in the middle of the
top of the package)
(No Heatsink)
54
52
49
45
39
35
33
θ Junction-to-Case
11
11
11
11
11
11
11
NOTES:
This table applies to 80960SB QFP soldered directly to board.
Table 14. 80960SB PLCC Package Thermal Characteristics
Thermal Resistance — °C/Watt
Parameter
Airflow — ft./min (m/sec)
0
50
100
200
400
600
800
1000
θ Junction-to-Ambient
(No Heatsink)
33
31
28.5
27
24
22
20
19.5
θ Junction-to-Case
11
11
11
11
11
11
11
11
NOTES:
This table applies to 80960SB PLCC soldered directly to board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com