Electronic Components Datasheet Search
  English  ▼

X  

80960SB Datasheet(PDF) 28 Page - Intel Corporation

Part # 80960SB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960SB Datasheet(HTML) 28 Page - Intel Corporation

Back Button 80960SB Datasheet HTML 24Page - Intel Corporation 80960SB Datasheet HTML 25Page - Intel Corporation 80960SB Datasheet HTML 26Page - Intel Corporation 80960SB Datasheet HTML 27Page - Intel Corporation 80960SB Datasheet HTML 28Page - Intel Corporation 80960SB Datasheet HTML 29Page - Intel Corporation 80960SB Datasheet HTML 30Page - Intel Corporation 80960SB Datasheet HTML 31Page - Intel Corporation 80960SB Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
24
80960SB
Table 11. 80960SB PLCC Pinout — In Pin Order
Pin
Signal
Pin
Signal
Pin
Signal
Pin
Signal
1
VCC
22
VSS
43
VSS
64
HOLD
2
NC
23
NC
44
VCC
65
NC
3
A27
24
AD13
45
A3
66
W/R
4
A26
25
AD12
46
A2
67
DEN
5
A25
26
AD11
47
VCC
68
DT/R
6
VCC
27
AD10
48
VSS
69
BLAST
7
VSS
28
AD9
49
A1
70
LOCK
8
A24
29
AD8
50
NC
71
VCC
9
A23
30
AD7
51
BE1
72
VSS
10
A22
31
VCC
52
BE0
73
VCC
11
A21
32
VSS
53
VCC
74
VSS
12
A20
33
VCC
54
VSS
75
NC
13
A19
34
VSS
55
CLK2
76
AS
14
A18
35
AD6
56
RESET
77
VSS
15
A17
36
AD5
57
INT0
78
ALE
16
A16
37
AD4
58
INT1
79
READY
17
VCC
38
AD3
59
INT2/INTR
80
A31
18
VSS
39
D2
60
INT3/INTA
81
A30
19
AD15
40
D1
61
HLDA
82
A29
20
AD14
41
D0
62
VCC
83
A28
21
VCC
42
NC
63
VSS
84
VSS
NOTES:
Do not connect any external logic to any pins marked NC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com