Electronic Components Datasheet Search
  English  ▼

X  

80960SB Datasheet(PDF) 17 Page - Intel Corporation

Part # 80960SB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960SB Datasheet(HTML) 17 Page - Intel Corporation

Back Button 80960SB Datasheet HTML 13Page - Intel Corporation 80960SB Datasheet HTML 14Page - Intel Corporation 80960SB Datasheet HTML 15Page - Intel Corporation 80960SB Datasheet HTML 16Page - Intel Corporation 80960SB Datasheet HTML 17Page - Intel Corporation 80960SB Datasheet HTML 18Page - Intel Corporation 80960SB Datasheet HTML 19Page - Intel Corporation 80960SB Datasheet HTML 20Page - Intel Corporation 80960SB Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
13
80960SB
Figure 8. Typical Current vs. Frequency
(Hot Temp)
0
5
10
15
20
25
OPERATING FREQUENCY (MHz)
TEMP = +85°C
4.5V
5.0V
5.5V
300
250
200
150
100
50
0
Figure 9. Capacitive Derating Curve
0
20
40
60
80
100
30
25
20
15
10
CAPACITIVE LOAD (pF)
(TEMP = +85°C, VCC = 4.5V)
5
0
RISING
FALLING
X
X
X
2.5
Test Load Circuit
Figure 10 illustrates the load circuit used to test the 80960SB’s output pins.
Figure 10. Test Load Circuit for Three-State Output Pins
THREE-STATE OUTPUT
CL = 50 pF for all signals
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com