Electronic Components Datasheet Search
  English  ▼

X  

80960SB Datasheet(PDF) 37 Page - Intel Corporation

Part # 80960SB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960SB Datasheet(HTML) 37 Page - Intel Corporation

Back Button 80960SB Datasheet HTML 30Page - Intel Corporation 80960SB Datasheet HTML 31Page - Intel Corporation 80960SB Datasheet HTML 32Page - Intel Corporation 80960SB Datasheet HTML 33Page - Intel Corporation 80960SB Datasheet HTML 34Page - Intel Corporation 80960SB Datasheet HTML 35Page - Intel Corporation 80960SB Datasheet HTML 36Page - Intel Corporation 80960SB Datasheet HTML 37Page - Intel Corporation 80960SB Datasheet HTML 38Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
33
80960SB
5.0
REVISION HISTORY
This data sheet supersedes data sheet 272207-001. The sections significantly changed since the previous
revision are:
Data sheet 270917-004 applied to both the 80960SA and the 80960SB. The 80960SB was then documented
alone in data sheet 272207-001. The sections significantly changed between revisions -004 of the SA/SB data
sheet and 272207-001 of the SB data sheet were:
Section
Last
Rev.
Description
2.3 Connection Recommendations (pg. 11)
-001
Removed two LOCK pin Connection Recommendation
figures and added Figure 5 to reflect the new LOCK
pin connection recommendation of a single 910
Ω
pullup resistor.
2.5 Test Load Circuit (pg. 13)
-001
Obsolete figure (Test Load Circuit for Open-Drain
Output Pins) removed to reflect current test conditions.
2.7 DC Characteristics (pg. 14)
-001
IOL value improved.
WAS:
2.5 mA
IS:
4.0 mA
LOCK pin IOL value at 0.45V relaxed.
WAS:
12 mA
IS:
6 mA
LOCK pin IOL value at 0.60V deleted.
Section
Last
Rev.
Description
2.3 Connection Recommendations
(pg. 11)
-004
Deleted corresponding graph of open drain voltage vs. out-
put current.
Figure 7. Typical Supply Current vs.
Case Temperature (pg. 12)
Figure 8. Typical Current vs. Fre-
quency (Room Temp) (pg. 12)
Figure 9. Typical Current vs. Fre-
quency (Hot Temp) (pg. 13)
-004
Regraphed data in three graphs instead of two.
Table 6. DC Characteristics (pg. 15)
-004
Input Leakage Current (ILI2) Specification added to accu-
rately describe leakage of INT0 and LOCK as inputs.
Table 7. 80960SA AC Characteristics
(10 MHz) (pg. 17)
Table 8. 80960SA AC Characteristics
(16 MHz) (pg. 18)
-004
T7 minimum specification improved:
Power Supply Current:
Was:
Is:
10 MHz
24 ns
T1 - 11 ns
16 MHZ
15 ns
T1 - 11 ns
NOTES:
Page numbers refer to 80960SB data sheet number 272207-001.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com