Electronic Components Datasheet Search
  English  ▼

X  

80960SB Datasheet(PDF) 38 Page - Intel Corporation

Part # 80960SB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960SB Datasheet(HTML) 38 Page - Intel Corporation

Back Button 80960SB Datasheet HTML 30Page - Intel Corporation 80960SB Datasheet HTML 31Page - Intel Corporation 80960SB Datasheet HTML 32Page - Intel Corporation 80960SB Datasheet HTML 33Page - Intel Corporation 80960SB Datasheet HTML 34Page - Intel Corporation 80960SB Datasheet HTML 35Page - Intel Corporation 80960SB Datasheet HTML 36Page - Intel Corporation 80960SB Datasheet HTML 37Page - Intel Corporation 80960SB Datasheet HTML 38Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 38 / 38 page
background image
34
80960SB
The sections significantly changed between revisions -003 and -004 of the 80960SA/SB Data Sheet were:
Section
Last
Rev.
Description
DC Characteristics
-003
Operating temperature for PLCC package changed:
WAS:
TCASE = 0°C to +100°C
IS:
TCASE = 0°C to +85°C
The test program has not changed.
Table 7. QFP Package, Thermal Resis-
tance —
°C/Watt
-003
Corrected QFP Package Thermal Resistance values:
for
θ
JA at 0 ft./min.
for
θ
JC at 0 ft./min.
airflow:
airflow:
WAS:
45.7
° /W
WAS:
4
° /W
IS:
54
° /W
IS:
11
° /W
Table 8. PLCC Package, Thermal Resis-
tance —
°C/Watt
-003
Corrected PLCC Package Thermal Resistance val-
ues:
for
θ
JA:
at 50 ft./min. airflow
at 100 ft./min. airflow
WAS:
NA
WAS:
NA
IS:
31
IS:
28.5
for
θ
JC:
at 0 ft./min. airflow
at 50–1000 ft./min. airflow
WAS:
13
WAS:
NA
IS:
11
IS:
11
Table 9. 80960SA and 80960SB QFP
Pinout — In Pin Order
-003
Signal A12 incorrectly shown as Pin 28; is now cor-
rectly shown as Pin 38. Note added to clarify No Con-
nect Pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com