Electronic Components Datasheet Search
  English  ▼

X  

82091AA Datasheet(PDF) 78 Page - Intel Corporation

Part # 82091AA
Description  ADVANCED INTEGRATED PERIPHERAL (AIP)
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82091AA Datasheet(HTML) 78 Page - Intel Corporation

Back Button 82091AA Datasheet HTML 74Page - Intel Corporation 82091AA Datasheet HTML 75Page - Intel Corporation 82091AA Datasheet HTML 76Page - Intel Corporation 82091AA Datasheet HTML 77Page - Intel Corporation 82091AA Datasheet HTML 78Page - Intel Corporation 82091AA Datasheet HTML 79Page - Intel Corporation 82091AA Datasheet HTML 80Page - Intel Corporation 82091AA Datasheet HTML 81Page - Intel Corporation 82091AA Datasheet HTML 82Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 204 page
background image
82091AA
6133 PCONControl Register (ECP Mode)
IO Address
Base a 02h
Default Value
RR00 0000
Attribute
ReadWrite
Size
8 bits
The PCON Register controls certain parallel port interface signals enablesdisables parallel port interrupts
and selects the direction of data transfer on PD 70
Note that the function of some bits depends on the
programming of the ECR
290486 – 32
Figure 32 Control Register (ECP Mode)
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com