Electronic Components Datasheet Search
  English  ▼

X  

82091AA Datasheet(PDF) 49 Page - Intel Corporation

Part # 82091AA
Description  ADVANCED INTEGRATED PERIPHERAL (AIP)
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82091AA Datasheet(HTML) 49 Page - Intel Corporation

Back Button 82091AA Datasheet HTML 45Page - Intel Corporation 82091AA Datasheet HTML 46Page - Intel Corporation 82091AA Datasheet HTML 47Page - Intel Corporation 82091AA Datasheet HTML 48Page - Intel Corporation 82091AA Datasheet HTML 49Page - Intel Corporation 82091AA Datasheet HTML 50Page - Intel Corporation 82091AA Datasheet HTML 51Page - Intel Corporation 82091AA Datasheet HTML 52Page - Intel Corporation 82091AA Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 204 page
background image
82091AA
Bit
Description
75
RESERVED
4
SERIAL PORT B TEST MODE (SBTEST)
The serial port test mode provides user access to the
output of the baud out generator When SBTESTe1 (and the DLAB bit is 1 in the LCR) the Serial
Port B test mode is enabled and the baud rate clock is output on the SOUTB pin (Figure 15) When
SBTESTe0 the Serial Port B test mode is disabled
3
SERIAL PORT B AUTO POWERDOWN ENABLE (SBAPDN)
This bit enablesdisables auto
powerdown When SBAPDNe1 Serial Port B can enter auto powerdown if the required conditions
are met The required conditions are that the transmit and receive FIFOs are empty and the timeout
counter has expired When SBAPDNe0 auto powerdown is disabled
2
SERIAL PORT B RESET (SBRESET)
When SBRESETe1 Serial Port B is reset (ie all
programming and current state information is lost) This is the same state the module would be in
after a hard reset (RSTDRV asserted) When resetting the serial port via this configuration bit the
software must toggle this bit and ensure the reset active time (SBRESETe1) of 113 ms minimum is
met
1
SERIAL PORT B IDLE STATUS (SBIDLE)
When Serial Port B is in an idle state the 82091AA sets
this bit to 1 Serial Port B is in the idle state when the transmit and receive FIFOs are empty and the
timeout counter has expired Note that these are the same conditions that apply to entering auto
powerdown When serial port B is not in an idle state the 82091AA sets this bit to 0 Direct
powerdown does not affect this bit and in auto powerdown this bit is only set toa1ifthe receive
and transmit FIFOs are empty This bit is read only
During a hard reset (RSTDRV asserted) the 82091AA sets this bit to 0 However because the serial
port is typically initialized by software before the idle conditions are met the defaullt state is shown
as undefined
0
SERIAL PORT B DIRECT POWERDOWN (SBDPDN)
When SBDPDNe1 Serial Port B is placed in
powerdown mode Setting this bit to 0 brings the module out of direct powerdown mode Setting bit 2
(SBRESET) of this register to 1 will also bring Serial Port B out of the direct powerdown mode
NOTE
Direct powerdown resets the receiver and transmitter portions of the serial port including the
receive and transmit FIFOs To ensure that the resetting of the FIFOs does not cause data
loss the SBIDLE bit should be 1 before placing the serial port into direct powerdown
41131 Serial Port AB Configuration
Register’s SxEN and SxDPDN Bits
The bits which enable the serial ports (bit 0 in both
the SACFG1 and SBCFG1 registers) and the bits
which provide for serial port direct powerdown (bit 0
in both the SACFG2 and SBCFG2 registers) are not
mutually exclusive The partial circuit and truth table
for the two bits shows that it is possible to enable
serial port A using SACFG1 for example yet still
read the serial port A SACFG2 direct powerdown bit
as a ‘‘1’’
When the SxCFG1 register bit 0 (serial port x en-
able) is written as a ‘‘1’’ (enable) the SxCFG2 regis-
ter bit 0 (serial port x powerdown) does not change
from a ‘‘1’’ (powerdown enable) to a ‘‘0’’ (power-
down disable) As can be seen in the circuit diagram
the READ activity does not see the register directly
Instead a MUXed output is seen by the READ activi-
ty The truth table for the two bits shows it is possi-
ble to enable a serial port yet still read the power-
down bit for that same port as a ‘‘1’’ or enabled
Truth Table for Reading the
EnablePowerdown Bit Status
Write Activity
Read Activity
SxCFG1
SxCFG2
SxCFG1
SxCFG2
Enable
Powerdown
Enable
Powerdown
0001
1010
1111
0101
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com