Electronic Components Datasheet Search
  English  ▼

X  

82091AA Datasheet(PDF) 41 Page - Intel Corporation

Part # 82091AA
Description  ADVANCED INTEGRATED PERIPHERAL (AIP)
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82091AA Datasheet(HTML) 41 Page - Intel Corporation

Back Button 82091AA Datasheet HTML 37Page - Intel Corporation 82091AA Datasheet HTML 38Page - Intel Corporation 82091AA Datasheet HTML 39Page - Intel Corporation 82091AA Datasheet HTML 40Page - Intel Corporation 82091AA Datasheet HTML 41Page - Intel Corporation 82091AA Datasheet HTML 42Page - Intel Corporation 82091AA Datasheet HTML 43Page - Intel Corporation 82091AA Datasheet HTML 44Page - Intel Corporation 82091AA Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 204 page
background image
82091AA
290486 – 12
Figure 12 Parallel Port Power Management and Status Register
Bit
Description
76
RESERVED
5
PARALLEL PORT FIFO ERROR STATUS (PFERR)
When PFERRe1 a FIFO underrun or overrun
condition has occurred This bit is read only Setting PRESET to 1 clears this bit to 0
4
RESERVED
3
PARALLEL PORT AUTO POWERDOWN ENABLE (PAPDN)
When PAPDNe1 the parallel port
can enter auto powerdown if the required auto powerdown conditions are met When PAPDNe0
auto powerdown is disabled
2
PARALLEL PORT RESET (PRESET)
When PRESET is set to 1 the parallel port is reset (ie all
programming and current state information is lost) This is the same state the module would be in
after a hard reset (RSTDRV asserted) to the 82091AA When resetting the parallel port via this
configuration bit the software must toggle this bit and ensure the reset active time (PRESETe1) of
113 ms minimum is met
1
PARALLEL PORT IDLE STATUS (PIDLE)
This bit reflects the idle state of the parallel port When
the parallel port is in an idle state (ie when the same conditions are met that apply to entering auto
powerdown) the 82091AA sets this bit to 1 The parallel port idle state is defined as the FIFO empty
and no activity on the parallel port interface This bit is read only
0
PARALLEL PORT DIRECT POWERDOWN (PDPDN)
When PDPDN is set to 1 the parallel port
enters direct powerdown When PDPDN is set to 0 the parallel port is not in direct powerdown Note
that a parallel port module reset (PRESET bit in this register) also brings the parallel port out of the
direct powerdown state
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com