Electronic Components Datasheet Search
  English  ▼

X  

82091AA Datasheet(PDF) 39 Page - Intel Corporation

Part # 82091AA
Description  ADVANCED INTEGRATED PERIPHERAL (AIP)
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82091AA Datasheet(HTML) 39 Page - Intel Corporation

Back Button 82091AA Datasheet HTML 35Page - Intel Corporation 82091AA Datasheet HTML 36Page - Intel Corporation 82091AA Datasheet HTML 37Page - Intel Corporation 82091AA Datasheet HTML 38Page - Intel Corporation 82091AA Datasheet HTML 39Page - Intel Corporation 82091AA Datasheet HTML 40Page - Intel Corporation 82091AA Datasheet HTML 41Page - Intel Corporation 82091AA Datasheet HTML 42Page - Intel Corporation 82091AA Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 204 page
background image
82091AA
Bit
Description
7
PARALLEL PORT FIFO THRESHOLD SELECT (PTHRSEL)
This bit controls the FIFO threshold
and only affects parallel port operations when the parallel port is in ECP mode or ISA-Compatible
FIFO mode When PTHRSELe1 the FIFO threshhold is 1 in the forward direction and 15 in the
reverse direction When PTHRSELe0 the FIFO threshold is 8 in both directions This bit can only
be programmed when the parallel port is in ISA-Compatible or PS2-Compatible mode These
modes can be selected via bits 65 of this register or the ECP Extended Control Register (ECR)
NOTE
In the reverse direction a threshold of 158 means that a request (DMA or Interrupt is
enabled) is generated when 158 bytes are in the FIFO In the forward direction a threshold
of 18 means that a request is generated when 18 byte locations are available
65
PARALLEL PORT HARDWARE MODE SELECT (PPHMOD)
This field selects the parallel port
hardware mode The ISA-Compatible mode is for compatibility and nibble mode peripheral interface
protocols The PS2-Compatible mode is for the byte mode peripheral interface protocol The EPP
and ECP modes are for the EPP and ECP mode peripheral interface protocols respectively This
field can be configured by strapping options at powerup for hardware extended configuration (HWE)
mode only For all other hardware configuration modes (SWMB SWAI and HWB) the default is 00
(ISA-Compatible)
Bits 65
Read
Write
0 0
ISA-Compatible
ISA-Compatible(1)
0 1
PS2-Compatible
PS2-Compatible(1)
1 0
EPP
EPP(1 3)
1 1
ECP(2)
Reserved do not write(2)
NOTES
1 ISA-Compatible PS2-Compatible and EPP modes are selected via this field or hardware
configuration In addition ISA-Compatible and PS2-Compatible modes can be selected via the
ECP Extended Control Register (ECR) When the ECR is programmed for one of these two
modes (ECR 75 e000 001) this field is updated to match the selected mode
2 ECP Mode can not be entered by programming this field ECP Mode can only be selected through
the ECR When the ECR is programmed for ECP mode the 82091AA sets this field to 11
3 Parallel port interface signals controlled by the PCON Register (SELECTIN
INIT
AUTOFD
and STROBE ) should be negated before entering EPP mode
4
RESERVED
3
PARALLEL PORT IRQ SELECT (PIRQSEL)
When PIRQSELe1 IRQ7 is selected as the parallel
port interrupt When PIRQSELe0 IRQ5 is selected as the parallel port interrupt This field can be
configured by strapping options at powerup for HWB and HWE modes only For all other hardware
configuration modes (SWMB and SWAI) the default is 0 (IRQ5)
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com