Electronic Components Datasheet Search
  English  ▼

X  

82091AA Datasheet(PDF) 13 Page - Intel Corporation

Part # 82091AA
Description  ADVANCED INTEGRATED PERIPHERAL (AIP)
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82091AA Datasheet(HTML) 13 Page - Intel Corporation

Back Button 82091AA Datasheet HTML 9Page - Intel Corporation 82091AA Datasheet HTML 10Page - Intel Corporation 82091AA Datasheet HTML 11Page - Intel Corporation 82091AA Datasheet HTML 12Page - Intel Corporation 82091AA Datasheet HTML 13Page - Intel Corporation 82091AA Datasheet HTML 14Page - Intel Corporation 82091AA Datasheet HTML 15Page - Intel Corporation 82091AA Datasheet HTML 16Page - Intel Corporation 82091AA Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 204 page
background image
82091AA
21 Host Interface Signals
Signal
Type
Description
Name
ISA SIGNALS
SA 100
I
SYSTEM ADDRESS BUS
The 82091AA decodes the standard ISA IO address
space using SA 90 SA10 is used along with SA 90 to decode the extended
register set of the ECP parallel port SA 100 connects directly to the ISA system
address bus
SD 70
IO
SYSTEM DATA BUS
SD 70 is a bi-directional data bus Data is written to and
read from the 82091AA on these signal lines SD 70 connect directly to the ISA
system data bus
IORC
I
IO READ COMMAND STROBE
IORC
is an IO access read control signal
When a valid internal address is decoded by the 82091AA and IORC
is asserted
data at the decoded address location is driven onto the SD 70 signal lines
IOWC
I
IO WRITE COMMAND STROBE
IOWC
is an IO access write control signal
When a valid internal address is decoded by the 82091AA and IOWC
is asserted
data on the SD 70 signal lines is written into the decoded address location at the
rising edge of IOWC
NOWS
O
NO WAIT-STATES
End data transfer signal The 82091AA asserts NOWS
when
a valid internal address is decoded by the 82091AA and the IORC
or IOWC
signal is asserted This reduces the total bus cycle time by eliminating the wait-
states associated with the default 8-bit IO cycles NOWS
is not asserted for IDE
accesses or DMA accesses This is an open drain output pin
IOCHRDY
O
IO CHANNEL READY
The 82091AA uses this signal for parallel port data
transfers when the parallel port is in EPP mode In this case the 82091AA negates
IOCHRDY to extend the cycle to allow for completion of transfers tofrom the
peripheral attached to the parallel port When the parallel port is in EPP mode the
82091AA negates IOCHRDY to lengthen the ISA Bus cycle if the parallel port BUSY
signal is asserted
The 82091AA also uses IOCHRDY during hardware configuration time (see Section
40 AIP Configuration) If IOWC
IORC
is asserted to the 82091AA during
hardware configuration time the 82091AA negates IOCHRDY until hardware
configuration time is completed This is an open drain output pin
AEN
I
ADDRESS ENABLE
AEN is used during DMA cycles to prevent the 82091AA from
misinterpreting DMA cycles from valid IO cycles When negated AEN indicates
that the 82091AA may respond to address and IO commands addressed to the
82091AA When asserted AEN informs the 82091AA that a DMA transfer is
occurring When AEN is asserted and a xDACK
signal is asserted the 82091AA
responds to the cycle as a DMA cycle
RSTDRV
I
RESET DRIVE
RSTDRV forces the 82091AA to a known state All 82091AA
registers are set to their default state
X1OSC
I
CRYSTAL1OSCILLATOR
Main clock input signal can be a 24 MHz crystal
connected across X1 and X2 or a 24 MHz TTL level clock input connected to X1
X2
I
CRYSTAL2
This signal pin is connected to one side of the crystal when a crystal
oscillator is used to provide the main clock If an external oscillatorclock is
connected to X1 this pin is not used and left unconnected
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com