Electronic Components Datasheet Search
  English  ▼

X  

82091AA Datasheet(PDF) 67 Page - Intel Corporation

Part # 82091AA
Description  ADVANCED INTEGRATED PERIPHERAL (AIP)
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82091AA Datasheet(HTML) 67 Page - Intel Corporation

Back Button 82091AA Datasheet HTML 63Page - Intel Corporation 82091AA Datasheet HTML 64Page - Intel Corporation 82091AA Datasheet HTML 65Page - Intel Corporation 82091AA Datasheet HTML 66Page - Intel Corporation 82091AA Datasheet HTML 67Page - Intel Corporation 82091AA Datasheet HTML 68Page - Intel Corporation 82091AA Datasheet HTML 69Page - Intel Corporation 82091AA Datasheet HTML 70Page - Intel Corporation 82091AA Datasheet HTML 71Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 204 page
background image
82091AA
6113 PCONControl Register (ISA-Compatible And PS2-Compatible Mode)
IO Address
Base a 02h
Default Value
RR00 0000
Attribute
ReadWrite
Size
8 bits
The PCON Register controls certain parallel port interface signals and enablesdisables parallel port inter-
rupts This register permits software to control the STROBE
AUTOFD
INIT
and SELECTIN
signals
For PS2-Compatible mode this register also controls the direction of transfer on PD 70
290486 – 27
Figure 27 Control Register (ISA-Compatible and PS2-Compatible Modes)
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com