Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 107 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 107 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 103Page - Intel Corporation 82374EB Datasheet HTML 104Page - Intel Corporation 82374EB Datasheet HTML 105Page - Intel Corporation 82374EB Datasheet HTML 106Page - Intel Corporation 82374EB Datasheet HTML 107Page - Intel Corporation 82374EB Datasheet HTML 108Page - Intel Corporation 82374EB Datasheet HTML 109Page - Intel Corporation 82374EB Datasheet HTML 110Page - Intel Corporation 82374EB Datasheet HTML 111Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 208 page
background image
82374EB82374SB
Table 4 ESC IO Register Address Map
(Continued)
Address
(Hex)
Address (Bit)
Type
Name
Block
FEDC
BA98
7654
3210
043CH
0000
0100
0011
1100
RO
DMA CH7 S-G Descriptor Pointer
DMA
043Dh
0000
0100
0011
1101
RO
DMA CH7 S-G Descriptor Pointer
DMA
043Eh
0000
0100
0011
1110
RO
DMA CH7 S-G Descriptor Pointer
DMA
043Fh
0000
0100
0011
1111
RO
DMA CH7 S-G Descriptor Pointer
DMA
0461h
0000
0100
0110
0001
RW
Extended NMI and Reset Control
Control
0462h
0000
0100
0110
0010
RW
NMI IO Interrupt Port
Control
0464h
0000
0100
0110
0100
RO
Last EISA Bus Master Granted (L)
Control
0480h
0000
0100
1000
0000
RW
Reserved
DMA
0481h
0000
0100
1000
0001
RW
DMA CH2 High Page
DMA
0482h
0000
0100
1000
0010
RW
DMA CH3 High Page
DMA
0483h
0000
0100
1000
0011
RW
DMA CH1 High Page
DMA
0484h
0000
0100
1000
0100
RW
Reserved
DMA
0485h
0000
0100
1000
0101
RW
Reserved
DMA
0486h
0000
0100
1000
0110
RW
Reserved
DMA
0487h
0000
0100
1000
0111
RW
DMA CH0 High Page
DMA
0488h
0000
0100
1000
1000
RW
Reserved
DMA
0489h
0000
0100
1000
1001
RW
DMA CH6 High Page
DMA
048Ah
0000
0100
1000
1010
RW
DMA CH7 High Page
DMA
048Bh
0000
0100
1000
1011
RW
DMA CH5 High Page
DMA
048Ch
0000
0100
1000
1110
RW
Reserved
DMA
048Dh
0000
0100
1000
1101
RW
Reserved
DMA
048Eh
0000
0100
1000
1110
RW
Reserved
DMA
048Fh
0000
0100
100x
1111
RW
DMA Refresh High Page
DMA
04C2h
0000
0100
1100
0010
RW
Reserved
DMA
107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com