Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 110 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 110 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 106Page - Intel Corporation 82374EB Datasheet HTML 107Page - Intel Corporation 82374EB Datasheet HTML 108Page - Intel Corporation 82374EB Datasheet HTML 109Page - Intel Corporation 82374EB Datasheet HTML 110Page - Intel Corporation 82374EB Datasheet HTML 111Page - Intel Corporation 82374EB Datasheet HTML 112Page - Intel Corporation 82374EB Datasheet HTML 113Page - Intel Corporation 82374EB Datasheet HTML 114Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 208 page
background image
82374EB82374SB
Table 4 ESC IO Register Address Map
(Continued)
Address
(Hex)
Address (Bit)
Type
Name
Block
FEDC
BA98
7654
3210
04FBH
0000
0100
1111
1011
RW
Reserved
DMA
04FC
0000
0100
1111
1100
RW
DMA CH7 Stop Register Bits 72
DMA
04FDh
0000
0100
1111
1101
RW
DMA CH7 Stop Register Bits 158
DMA
04FEh
0000
0100
1111
0111
RW
DMA CH7 Stop Register Bits 2316
DMA
04FFh
0000
0100
1111
1111
RW
Reserved
DMA
0C00h
0000
1100
0000
0000
RW
Configuration RAM Page Register
Conf
0C80h
0000
1100
100
0000
RO
System Board ID Byte Lane 1 Bits 70
Board ID
0C81h
0000
1100
100
0001
RO
System Board ID Byte Lane 2 Bits 158
Board ID
0C82h
0000
1100
100
0010
RO
System Board ID Byte Lane 3 Bits 2316
Board ID
0C83h
0000
1100
1000
0011
RO
System Board ID Byte Lane 4 Bits 3124
Board ID
NOTES
1 Port 70h resides in the ESC in addition the lower 7 bits of Port 70h reside in Real Time Clock also
2 Bit 3 of ports 372h and 3F2h reside in the ESC while the other bits reside on the ISA bus
43 Configuration Addresses
ESC configuration registers are accessed through IO registers 22h and 23h These IO registers are used as
index address register (22h) and index data register (23h) The index address register is used to write the
configuration register address The data (configuration register address) in register 22h is used to decode a
configuration register The selected configuration register can be read or written to by performing a read or a
write operation to the index data register at IO address 23h
Table 5 Configuration Register Index Address
Configuration
Abbreviation
Register Name
Offset
00 – 01h
Reserved
02h
ESCID
ESC ID
03 – 07h
Reserved
08h
RID
Revision ID
09 – 3Fh
Reserved
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com