Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 112 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 112 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 108Page - Intel Corporation 82374EB Datasheet HTML 109Page - Intel Corporation 82374EB Datasheet HTML 110Page - Intel Corporation 82374EB Datasheet HTML 111Page - Intel Corporation 82374EB Datasheet HTML 112Page - Intel Corporation 82374EB Datasheet HTML 113Page - Intel Corporation 82374EB Datasheet HTML 114Page - Intel Corporation 82374EB Datasheet HTML 115Page - Intel Corporation 82374EB Datasheet HTML 116Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 208 page
background image
82374EB82374SB
Table 5 Configuration Register Index Address
(Continued)
Configuration
Abbreviation
Register Name
Offset
6Eh
GPCSM2
General Purpose Chip Select 2 Mask
6Fh
GPXBC
General Purpose Peripheral X-Bus Control
70h
PACC
PICAPIC Configuration Control
71 – 87h
Reserved
88h
TSTC
Test Control
89 – 9Fh
Reserved
A0h
SMICNTL
SMI Control
A2-A3h
SMIEN
SMI Enable
A4-A7h
SEE
System Event Enable
A8h
FTMR
Fast Off Timer
A9h
Reserved
AA-ABh
SMIREQ
SMI Request
ACh
CTLTMRL
Clock Scaling STPCLK
Low Timer
ADh
Reserved
AEh
CTLTMRH
Clock Scaling STPCLK
High Timer
AF-FFh
Reserved
44 X-Bus Peripherals
The ESC generates chip selects for certain functions that typically reside on the X-Bus The ESC asserts the
chip selects combinatorially from the LA addresses The ESC generates chip select signals for the Keyboard
Controller Floppy Disk Controller IDE Parallel Port Serial Port and General Purpose peripherals The ESC
also generates read and write strobes for Real Time Clock and Configuration RAM The read and write strobes
are a function of LA addresses the ISA read and write strobes (IORC
and IOWC ) and BCLK All of the
peripherals supported by the ESC are at fixed IO addresses with the exception of the general purpose
peripherals The ESC support for these peripherals can be enabled or disabled through configuration registers
Peripheral Chip Select A and Peripheral Chip Select B The general purpose peripherals are mapped to IO
addresses by programming a set of configuration registers General Purpose Chip Select x Base Low Address
register General Purpose Chip Select x Base High Address register and General Purpose Chip Select x Mask
register
112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com