Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 116 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 116 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 112Page - Intel Corporation 82374EB Datasheet HTML 113Page - Intel Corporation 82374EB Datasheet HTML 114Page - Intel Corporation 82374EB Datasheet HTML 115Page - Intel Corporation 82374EB Datasheet HTML 116Page - Intel Corporation 82374EB Datasheet HTML 117Page - Intel Corporation 82374EB Datasheet HTML 118Page - Intel Corporation 82374EB Datasheet HTML 119Page - Intel Corporation 82374EB Datasheet HTML 120Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 208 page
background image
82374EB82374SB
Generates Data Swap Buffer Control
The EISA controller generates the control signals for the data bus swap control (assemblydisassembly) and
swapping process to support data size mismatches of the devices on the EISA and ISA buses The actual data
steering and swapping is performed by the PCEB
Generate Wait States
The wait state generator is responsible for generating the wait states based on the sampling of the EXRDY
CHRDY NOWS
and the default wait states The default wait state depends on the cycle type
52 Clock Generation
The ESC is generates the EISA Bus clock The ESC uses a divider circuit to generate the EISA Bus clock The
ESC supports PCI bus frequencies between 25 MHz and 33 MHz The PCI clock is divided by 3 or 4 by the
clock generation logic in the ESC The EISA Clock Divisor register bits 20 select the divide value
The ESC provides the EISA Bus clock as the BCLKOUT output Although the ESC is capable of driving 240 pF
load on the BCLKOUT pin it is recommended that this signal be buffered to protect the EISA BCLK signal
The ESC EISA control logic and EISA interface is synchronous to the BCLK input A maximum delay of 15 ns is
allowed between the BCLKOUT output and the BCLK input for proper device functionality
Table 9 PCICLK and BCLK Frequency Relationship
PCICLK
DIVISOR
BCLK
(MHz)
(Programmable)
(MHz)
25
3
833
30
4
75
333
4
833
NOTE
The ESC wakes up after reset with a default divisor value of 4
521 CLOCK STRETCHING
The ESC is capable of stretching EISA Bus clock (BCLKOUT) for PCEB generated EISA cycles The ESC
stretches the EISA Bus clock (BCLKOUT) in order to minimize the synchronization penalty between PCI clock
and EISA clock for accesses to EISA Bus by PCI agents The PCEB initiates an EISA cycle by asserting
START
synchronous to PCICLK The ESC ensures the START
minimum pulse width is met by stretching
the EISA Bus clock low time
The ESC samples START
on every PCICLK when the PCEB has the EISA Bus After sampling START
asserted the ESC delays the rising edge of BCLKOUT until the START
has met the 115 ns minimum pulse
width specification
116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com