Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 114 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 114 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 110Page - Intel Corporation 82374EB Datasheet HTML 111Page - Intel Corporation 82374EB Datasheet HTML 112Page - Intel Corporation 82374EB Datasheet HTML 113Page - Intel Corporation 82374EB Datasheet HTML 114Page - Intel Corporation 82374EB Datasheet HTML 115Page - Intel Corporation 82374EB Datasheet HTML 116Page - Intel Corporation 82374EB Datasheet HTML 117Page - Intel Corporation 82374EB Datasheet HTML 118Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 208 page
background image
82374EB82374SB
Table 6 X-Bus Chip Selects Decode
(Continued)
Address
(Hex)
Address (Bit)
RW
Name
Chip Select
FEDC
BA98
7654
3210
03F7h
0000
0011
0111
0111
RW
IDE Controller
1-Primary
(IDECS1 )
ECS 20 e100
03F7h
0000
0011
0111
0111
RW
Primary
Controller-
Floppy Disk
FDCCS
03FFh
03F8h –
0000
0011
1111
1000
RW
COM 1
Serial Port
(COMxCS )
ECS 20 e00x
08FFh
0800h –
0000
1000
xxxx
xxxx
WR
RAM
Configuration
CRAMRD
CRAMWR
45 IO APIC Registers
The APIC’s registers are indirectly address through two 32 bit registers located in the CPU’s memory space
the IO Register Select (IOREGSEL) and IO Window (IOWIN) Registers (Table 7) These registers can be
relocated via the APIC Base Address Relocation Register and are aligned on 128 bit boundaries
To access an IO APIC register the IOREGSEL Register is written with the address of the intended APIC
register Bits 70 of the IOREGSEL Register provide the address offset (Table 8) The IOWIN Register then
becomes a 32-bit window pointing to the register selected by the IOREGSEL Register Note that for each
redirection table register there are two offset addresses (eg
address offset 10h selects IOREDTBL0
bits 310 and 11h selects IOREDTBL0 bits 6332
Table 7 Memory Address For Accessing APIC Registers
Memory
Mnemonic
Register Name
Access
Address
FEC0 x000h
IOREGSEL
IO Register Select
RW
(82374EB)
FEC0 xy00h
(82374SB)
FEC0 x010h
IOWIN
IO Window
RW
(82374EB)
FEC0 xy10h
(82374SB)
NOTE
xy are determined by the x and y (82374SB only) fields in the APIC Base Address Relocation Register Range for x e 0-Fh
and the range for y e 048Ch
114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com