Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 115 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 115 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 111Page - Intel Corporation 82374EB Datasheet HTML 112Page - Intel Corporation 82374EB Datasheet HTML 113Page - Intel Corporation 82374EB Datasheet HTML 114Page - Intel Corporation 82374EB Datasheet HTML 115Page - Intel Corporation 82374EB Datasheet HTML 116Page - Intel Corporation 82374EB Datasheet HTML 117Page - Intel Corporation 82374EB Datasheet HTML 118Page - Intel Corporation 82374EB Datasheet HTML 119Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 208 page
background image
82374EB82374SB
Table 8 IO APIC Registers
Memory
Mnemonic
Register Name
Access
Address
00h
IOAPICID
IO APIC ID
RW
01h
IOAPICVER
IO APIC Version
RO
02h
IOAPICARB
IO APIC Arbitration ID
RO
10-2Fh
IOREDTBL 015
Redirection Table (Entries 0-15) (63 bits each)
RW
NOTE
Address Offset is determined by IO Register Select Bits 70
50 EISA CONTROLLER FUNCTIONAL DESCRIPTION
51 Overview
The EISA controller in the ESC provides MasterSlave EISA interface function for the ESC internal resources
In addition the ESC acts as an EISA central resource for the system As a system central resource the EISA
controller is responsible for generating the translation control signals necessary for bus-to-bus transfers
These translation includes transfer between devices on EISA Bus and ISA Bus and transfers between different
size master device and slave device The EISA controller generates the control signals for EISA Data Swap
Buffers integrated in the PCEB The ESC EISA interface generates cycles for DMA transfers and refresh The
ESC internal registers are accessed through the EISA slave interface The ESC is responsible for supporting
the following
Service EISA Master cycles to
 EISA slaves devices
 ISA slave devices
 ESC internal registers
Service ISA Master cycles to
 EISA slave devices
 ISA (mis-matched) slave devices
 ESC internal registers
Service DMA cycles
 Fromto DMA slave on the EISA bus tofrom memory on the EISAISA bus
 Fromto DMA slave on the ISA bus tofrom memory on the EISAISA bus
 Fromto DMA slave on the EISAISA bus tofrom memory on the PCI bus
Service Refresh Cycles
The EISA controller will service the refresh cycle by generating the appropriate address and command signals
These cycles are initiated by either the ESC internal refresh logic or by an external ISA-Bus Master
115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com