Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 113 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 113 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 109Page - Intel Corporation 82374EB Datasheet HTML 110Page - Intel Corporation 82374EB Datasheet HTML 111Page - Intel Corporation 82374EB Datasheet HTML 112Page - Intel Corporation 82374EB Datasheet HTML 113Page - Intel Corporation 82374EB Datasheet HTML 114Page - Intel Corporation 82374EB Datasheet HTML 115Page - Intel Corporation 82374EB Datasheet HTML 116Page - Intel Corporation 82374EB Datasheet HTML 117Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 208 page
background image
82374EB82374SB
Table 6 X-Bus Chip Selects Decode
Address
(Hex)
Address (Bit)
RW
Name
Chip Select
FEDC
BA98
7654
3210
0060h
0000
0000
0110
00x0
RW
Keyboard
Controller
KYBDCS
0064h
0000
0000
0110
01x0
RW
Controller
Keyboard
KYBDCS
0070h
0000
0000
0111
0xx0
W
Clock
Real Time
RTCALE
0071h
0000
0000
0111
0xx1
RW
Clock
Real Time
RTCRD
RTCWR
0177h
0170h –
0000
0001
0111
0xxx
RW
0-Secondary
IDE Controller
(IDECS0 )
ECS 20 e011
01F7h
01F0h –
0000
0001
1111
0xxx
RW
0-Primary
IDE Controller
(IDECS0 )
ECS 20 e011
027Bh
0278h –
0000
0010
0111
1011
1000 to
RW
LPT3
Parallel Port
(LPTCS )
ECS 20 e010
02F8h –
02FFh
0000
0010
1111
xxxx
RW
COM2
Serial Port
(COMxCS )
ECS 20 e00x
0375h
0370h –
0000
0011
0111
0101
0000 to
RW
Secondary
Controller-
Floppy Disk
FDCCS
0376h
0000
0011
0111
0111
RW
1 Secondary
IDE Controller
(IDECS1 )
ECS 20 e100
0377h
0000
0011
0111
0110
RW
1 Secondary
IDE Controller
(IDECS1 )
ECS 20 e100
0377h
0000
0011
0111
0111
RW
Secondary
Controller-
Floppy Disk
FDCCS
037Bh
0378h –
0000
0011
0111
1011
1000 to
RW
LPT2
Parallel Port
(LPTCS )
ECS 20 e010
03BFh
03BCh –
0000
0011
1011
11xx
RW
LPT 1
Parallel Port
(LPTCS )
ECS 20 e010
0375h
03F0h –
0000
0011
1111
0101
0000 to
RW
Primary
Controller-
Floppy Disk
FDCCS
03F6h
0000
0011
0111
0110
RW
1-Primary
IDE Controller
(IDECS1 )
ECS 20 e100
113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com