Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 111 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 111 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 107Page - Intel Corporation 82374EB Datasheet HTML 108Page - Intel Corporation 82374EB Datasheet HTML 109Page - Intel Corporation 82374EB Datasheet HTML 110Page - Intel Corporation 82374EB Datasheet HTML 111Page - Intel Corporation 82374EB Datasheet HTML 112Page - Intel Corporation 82374EB Datasheet HTML 113Page - Intel Corporation 82374EB Datasheet HTML 114Page - Intel Corporation 82374EB Datasheet HTML 115Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 208 page
background image
82374EB82374SB
Table 5 Configuration Register Index Address
(Continued)
Configuration
Abbreviation
Register Name
Offset
40h
MS
Mode Select
41h
Reserved
42h
BIOSCSA
BIOS Chip Select A
43h
BIOSCSB
BIOS Chip Select B
44 – 4Ch
Reserved
4Dh
CLKDIV
BCLK Clock Divisor
4Eh
PCSA
Peripheral Chip Select A
4Fh
PCSB
Peripheral Chip Select B
50h
EISAID1
EISA ID Byte 1
51h
EISAID2
EISA ID Byte 2
52h
EISAID3
EISA ID Byte 3
53h
EISAID4
EISA ID Byte 4
54 – 56h
Reserved
57h
SGRBA
Scatter-Gather Relocate Base Address
58h
Reserved
59h
APICBA
APIC Base Address Relocation
60h
PIRQRC0
PIRQ0
Route Control
61h
PIRQRC1
PIRQ1
Route Control
62h
PIRQRC2
PIRQ2
Route Control
63h
PIRQRC3
PIRQ3
Route Control
64h
GPCSLA0
General Purpose Chip Select 0 Base Low Address
65h
GPCSHA0
General Purpose Chip Select 0 Base High Address
66h
GPCSM0
General Purpose Chip Select 0 Mask
67h
Reserved
68h
GPCSLA1
General Purpose Chip Select 1 Base Low Address
69h
GPCSHA1
General Purpose Chip Select 1 Base High Address
6Ah
GPCSM1
General Purpose Chip Select 1 Mask
6Bh
Reserved
6Ch
GPCSLA2
General Purpose Chip Select 2 Base Low Address
6Dh
GPCSHA2
General Purpose Chip Select 2 Base High Address
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com