Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 120 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 120 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 116Page - Intel Corporation 82374EB Datasheet HTML 117Page - Intel Corporation 82374EB Datasheet HTML 118Page - Intel Corporation 82374EB Datasheet HTML 119Page - Intel Corporation 82374EB Datasheet HTML 120Page - Intel Corporation 82374EB Datasheet HTML 121Page - Intel Corporation 82374EB Datasheet HTML 122Page - Intel Corporation 82374EB Datasheet HTML 123Page - Intel Corporation 82374EB Datasheet HTML 124Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 208 page
background image
82374EB82374SB
534 EISA MASTER BACK-OFF
During EISA master transfer where the master and slave size is mis-matched the EISA master is required to
back-off the bus on the first falling edge of BCLK after START
is negated The EISA master floats its
START
BE 30
and data lines at this time This allows the ESC to performs translation cycle The master
must back-off the bus if a masterslave data size mis-match is determined regardless if data size translation is
performed
At the end of the data size translation or transfer cycle control is transferred back to the bus master by the
ESC by driving EX32
and EX16
active on the falling edge of BCLK before the rising edge of BCLK that the
last CMD
is negated An additional BCLK is added at the end of the transfer to allow the exchanging of cycle
control to occur
290476 – 69
Figure 6 EISA Master Back Off Cycle
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com