Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 124 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 124 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 120Page - Intel Corporation 82374EB Datasheet HTML 121Page - Intel Corporation 82374EB Datasheet HTML 122Page - Intel Corporation 82374EB Datasheet HTML 123Page - Intel Corporation 82374EB Datasheet HTML 124Page - Intel Corporation 82374EB Datasheet HTML 125Page - Intel Corporation 82374EB Datasheet HTML 126Page - Intel Corporation 82374EB Datasheet HTML 127Page - Intel Corporation 82374EB Datasheet HTML 128Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 208 page
background image
82374EB82374SB
Table 10 Number of BCLKs for ISA Master Cycles
Cycle Type
Bus
No Wait State
Standard CHRDYe1
One Wait State
Size
NOWS
e
0
NOWS
e
1
CHRDYe0
Number of BCLKs
ReadWrite
Memory
16
2
3
4
ReadWrite
Memory
8
4 5
6
7
IO ReadWrite
16
3
3
4
IO ReadWrite
8
4 5
6
7
DMA Compatible
816
8
8
10
DMA Type A(1)
816
NA
6
7
DMA Type B(1)
816
NA
4
5
DMA Type C(2)
816
NA
2
3
NOTES
1 If ISA memory responds the ESC will extend the cycle by 1 BCLK
2 If ISA memory responds the ESC will use DMA Type B read cycle timing
55 Mis-Match Cycles
Data size translation is performed by the ESC for all mis-matched cycles A mis-matched cycle is defined as a
cycle in which the bus master and bus slave do not have equal data bus sizes (eg a 32-bit EISA master
accessing a 16-bit ISA slave) The data size translation is performed in conjunction with the PCEB The ESC
generates the appropriate cycles and data steering control signals for mis-matched cycles The PCEB uses
the data steering control signals from the ESC to latch and redirect the data to the appropriate byte lanes The
ESC will perform one or more of the following operations depending on the master and slave type transfer
direction and the number of byte enables active
Table 11 Mis-Match Master Slave Combinations
Master Type
Cycle Type
Slave Type
32-Bit
16-Bit
16-Bit
8-Bit
EISA
EISA
ISA
EISAISA
downshift
32-bit EISA with 16-bit
Burst
Standard
match
match
match
Mis-Match
na
Mis-Match
na
Mis-Match
32-bit EISA
Burst
Standard
match
match
na
Mis-Match
na
Mis-Match
na
Mis-Match
16-bit EISA
Burst
Standard
Mis-Match
Mis-Match
match
match
na
Mis-Match
na
Mis-Match
NOTE
na Not Applicable The cycle will never occur
124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com