Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 125 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 125 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 121Page - Intel Corporation 82374EB Datasheet HTML 122Page - Intel Corporation 82374EB Datasheet HTML 123Page - Intel Corporation 82374EB Datasheet HTML 124Page - Intel Corporation 82374EB Datasheet HTML 125Page - Intel Corporation 82374EB Datasheet HTML 126Page - Intel Corporation 82374EB Datasheet HTML 127Page - Intel Corporation 82374EB Datasheet HTML 128Page - Intel Corporation 82374EB Datasheet HTML 129Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 208 page
background image
82374EB82374SB
56 Data Swap Buffer Control Logic
For all mis-matched cycles the ESC is responsible for performing data size translations The ESC performs
these data size translations by either becoming the master of the EISAISA Bus (see Section 534) or by
directing the flow of data to the appropriate byte lanes In both cases the ESC generates Data Swap Buffer
control signals to perform data size translation
 SDCPYEN 1331
 SDCPYUP
 SDOE 20
 SDLE 30
The Data Swap Buffers are integrated in the PCEB (see PCEB data sheet Section 80 for Data Swap Buffer
function description) The data size translation cycles consist of one or combinations of Assembly Disassem-
bly Copy UpDown and Redrive
ASSEMBLY
This occurs during reads when an EISA master data size is greater than the slave data size ISA masters are
required to perform assemble when accessing 8-bit slaves Assembly consists of two three or four cycles
depending on the master data size slave data size and number of active byte enables During the assembly
process the data is latched in to the PCEB data latchbuffers This data is driven or redriven on to the EISA
bus during the last cycle The master after initiating the cycle backs-off the bus (see the EISA master back-off
section for details) when a mis-matched is detected The ESC becomes the bus master and runs the appropri-
ate number of cycles At the end of the last cycle the ESC transfer the control of bus back to the original
master
DISASSEMBLY
This occurs during writes when the EISA master data size is greater than the slave data size ISA masters are
required to perform disassemble when accessing 8-bit slaves Disassembly consists of two three or four
cycles depending on the master data size slave data size and number of active byte enables During the
disassembly process the data is latched in the PCEB latchbuffers on the first cycle This data is driven or
redriven on to the EISA bus on subsequent cycles The master after initiating the cycle backs-off the bus (see
the EISA master back-off section for details) when a mis-matched is detected The ESC becomes the bus
master and runs the appropriate number of cycles At the end of the last cycle the ESC transfer the control of
bus back to the original master
COPY-UP
This occurs during reads when the master data size is greater than the slave data size and during writes when
the master data size is smaller than the slave data size The copy-up function is used for cycles with and
without assemblydisassembly
COPY-DOWN
This occurs during writes when the master data size is greater than the slave data size and during reads when
the master data size is smaller than the slave data size The copy-down function is used for cycles with and
without assemblydisassembly
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com