Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 123 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 123 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 119Page - Intel Corporation 82374EB Datasheet HTML 120Page - Intel Corporation 82374EB Datasheet HTML 121Page - Intel Corporation 82374EB Datasheet HTML 122Page - Intel Corporation 82374EB Datasheet HTML 123Page - Intel Corporation 82374EB Datasheet HTML 124Page - Intel Corporation 82374EB Datasheet HTML 125Page - Intel Corporation 82374EB Datasheet HTML 126Page - Intel Corporation 82374EB Datasheet HTML 127Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 208 page
background image
82374EB82374SB
290476 – 70
Figure 8 ISA Master to 16-Bit ISA Slave Extended Cycle (4 BCLKs)
543 ISA MASTER TO 8-BIT EISAISA SLAVE
An 8-bit slave does not positively acknowledge it’s selection by asserting any signal The absence of an
asserted EX32
EX16
M16
and IO16
indicate to the ESC that an 8-bit device has been selected The
EISA master is backed-off the bus and the ESC takes over mastership of the EISAISA bus The ESC will run
8-bit translation cycles on the bus by deriving the EISA control signals and the ISA control signals A slave can
extend the cycles by negating EXRDY or CHRDY signals The ESC (Internal Registers) is accessed as an 8-bit
slave
544 ISA WAIT STATE GENERATION
There are three sources that can affect the generation of wait states for ISA cycles The first is the default wait
states which determines the standard or default ISA bus cycle in the absence of any response from the slave
The second is cycle extension which is indicated by the slave pulling the CHRDY signal line inactive (low) The
CHRDY is high by default due to a pull-up resistor Thus the cycle will be extended until the CHRDY is
returned to its active high value The third way to change the number of wait states is when the slave asserts
the NOWS
signal which makes the cycle shorter than the default or standard cycle
ISA Memory slaves (8- and 16-bits) and ISA IO slaves (only 8-bits) can shorten their default cycles by
asserting the NOWS
signal lines A 16-bit IO slave cannot shorten its default cycles When NOWS
is
asserted at the same time the CHRDY is negated by the ISA slave device NOWS
will be ignored and wait
states will be added (ie CHRDY has precedence over NOWS
)
DMA devices (IO) cannot add wait states but memory can Table 10 shows the number of BCLKs for each
cycle type (Memory IO DMA) default wait states added and with NOWS
asserted
123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com