Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 126 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 126 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 122Page - Intel Corporation 82374EB Datasheet HTML 123Page - Intel Corporation 82374EB Datasheet HTML 124Page - Intel Corporation 82374EB Datasheet HTML 125Page - Intel Corporation 82374EB Datasheet HTML 126Page - Intel Corporation 82374EB Datasheet HTML 127Page - Intel Corporation 82374EB Datasheet HTML 128Page - Intel Corporation 82374EB Datasheet HTML 129Page - Intel Corporation 82374EB Datasheet HTML 130Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 208 page
background image
82374EB82374SB
RE-DRIVE
This occurs during reads and writes when both the master and slave are on the EISAISA bus and the PCEB is
neither a master nor a slave The re-drive function is always performed in conjunction with assemblydisas-
sembly During the assembly process the last cycle is a re-drive cycle During disassembly all the cycles
except the first cycle are re-drive cycles
57 Servicing DMA Cycles
The ESC is responsible for performing DMA transfers If the memory is determined (EX32
or EX16
assert-
ed) to be on the EISA bus the DMA cycle can be ‘‘A’’ ‘‘B’’ or ‘‘C’’ type If the memory is determined to be on
the ISA bus then the DMA cycle will run as a compatible cycle The DMA transfers are described in detail in
Section 80
58 Refresh Cycles
The ESC support refresh cycles on the EISAISA bus The ESC asserts the REFRESH
signal to indicate
when a refresh cycle is in progress Refresh cycles are generated by two sources the refresh unit inside the
ESC or an external ISA bus masters The EISA bus controller will enable the address lines LA 152 and the
BE 30
The High and Low Page register contents will also be placed on the LA 3116 bus during refresh
Memory slaves on the EISAISA bus must not drive any data onto the data bus during the refresh cycle Slow
memory slaves on the EISAISA may extend the refresh cycle by negating the EXRDY or CHRDY signal
respectively The refresh cycles are also described in Section 611
59 EISA Slot Support
The ESC support up of 8 EISA slots The ESC provides support for the 8 slots as follows
 The ESC address and data output buffers directly drive 240 pF capacitive load on the Bus
 The ESC generates slot specific AENx signals
 The ESC supports EISA masters in all 8 slots
The ESC generates encoded AENs and encoded Master Acknowledge signals for 8 slots and 8 masters
These signals must to decoded on the system board to generate the slot specific AENx signals and MACKx
signals The ESC can be programmed through Mode Select register bit 10 to directly generate these signals
for 4 slots and 4 masters
591 AEN GENERATION
The ESC directly generates the slot specific AEN signals if the ESC is configured to support 4 AENx (Table
12) If the ESC is programmed to support more than 4 EISA AENx the ESC will generate Encoded AEN
signals Discrete logic like a F138 is required to generate the slot specific AENs
126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com