Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 130 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 130 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 126Page - Intel Corporation 82374EB Datasheet HTML 127Page - Intel Corporation 82374EB Datasheet HTML 128Page - Intel Corporation 82374EB Datasheet HTML 129Page - Intel Corporation 82374EB Datasheet HTML 130Page - Intel Corporation 82374EB Datasheet HTML 131Page - Intel Corporation 82374EB Datasheet HTML 132Page - Intel Corporation 82374EB Datasheet HTML 133Page - Intel Corporation 82374EB Datasheet HTML 134Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 208 page
background image
82374EB82374SB
The DMA Controller is at any time either in master mode or slave mode In master mode the DMA controller is
either servicing a DMA slave’s request for DMA cycles allowing an ISA master to use the bus via a cascaded
DREQ signal or granting the bus to an EISA master via MREQ
MACK
In slave mode the ESC monitors
both the EISA bus decoding and responding to IO read and write commands that address its registers
When the DMA is in master mode and servicing a DMA slave it works in conjunction with the ESC EISA bus
controller to create bus cycles on the EISA bus The DMA places addresses onto the internal address bus and
the bus controller informs the DMA when to place a new address on the internal bus
62 DMA Transfer Modes
The channels can be programmed for any of four transfer modes The transfer modes include single block
demand or cascade Each of the three active transfer modes (single block and demand) can perform three
different types of transfers (read write or verify) The ESC does not support memory to memory transfers
621 SINGLE TRANSFER MODE
In Single Transfer mode the DMA is programmed to make one transfer only The byteword count will be
decremented and the address decremented or incremented following each transfer When the byteword
count ‘‘rolls over’’ from zero to FFFFFFh or an external EOP is encountered a Terminal Count (TC) will load a
new buffer via Scatter-Gather buffer chaining or autoinitialize if it is programmed to do so
DREQ must be held active until DACK becomes active in order to be recognized If DREQ is held active
throughout the single transfer the bus will be released to the CPU after a single transfer With the DREQ
asserted high the DMA IO device will rearbitrate for the bus Upon winning the bus another single transfer
will be performed This allows other bus masters a chance to arbitrate for win and execute cycles on the EISA
Bus
622 BLOCK TRANSFER MODE
In Block Transfer mode the DMA is activated by DREQ to continue making transfers during the service until a
TC caused by either a byteword count going to FFFFFFh or an external EOP is encountered DREQ need
only be held active until DACK becomes active If the channel has been programmed for it a new buffer will be
loaded by buffer chaining or auto-initialization at the end of the service In this mode it is possible to lock out
other devices for a period of time (including refresh) if the transfer count is programmed to a large number and
Compatible timing is selected Block mode can effectively be used with Type ‘‘A’’ Type ‘‘B’’ or Burst timing
since the channel can be interrupted through the 4 ms timeout mechanism and other devices (or Refresh) can
arbitrate for and win the bus See Section 70 on the EISA Bus Arbitration for a detailed description of the 4 ms
timeout mechanism Note that scatter-gather block mode is not supported
623 DEMAND TRANSFER MODE
In Demand Transfer mode the DMA channel is programmed to continue making transfers until a TC (Terminal
Count) is encountered or an external EOP is encountered or until the DMA IO device pulls DREQ inactive
Thus transfers may continue until the IO device has exhausted its data capacity After the IO device catches
up the DMA service is re-established when the DMA IO device reasserts the channel’s DREQ During the
time between services when the system is allowed to operate the intermediate values of address and byte
word count are stored in the DMA controller Current Address and Current ByteWord Count registers A TC
can cause a new buffer to be loaded via Scatter-Gather buffer chaining or autoinitialize at the end of the
service if the channel has been programmed for it
130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com