Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 133 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 133 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 129Page - Intel Corporation 82374EB Datasheet HTML 130Page - Intel Corporation 82374EB Datasheet HTML 131Page - Intel Corporation 82374EB Datasheet HTML 132Page - Intel Corporation 82374EB Datasheet HTML 133Page - Intel Corporation 82374EB Datasheet HTML 134Page - Intel Corporation 82374EB Datasheet HTML 135Page - Intel Corporation 82374EB Datasheet HTML 136Page - Intel Corporation 82374EB Datasheet HTML 137Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 208 page
background image
82374EB82374SB
642 TYPE ‘‘A’’ TIMING
Type ‘‘A’’ timing is provided to allow shorter cycles to EISA memory (Note Main memory behaves like EISA
memory because the PCEB has an EISA slave interface) Type ‘‘A’’ timing runs at 7 BCLKs (840 nssingle
cycle) and 6 BCLKs (720 nscycle) during the repeated portion of a Block or Demand mode transfer Type ‘‘A’’
timing varies from compatible timing primarily in shortening the memory operation to the minimum allowed by
system memory The IO portion of the cycle (data setup on write IO read access time) is the same as with
compatible cycles The actual active command time is shorter but it is expected that the DMA devices which
provide the data access time or write data setup time should not require excess IORC
or IOWC
command
active time Because of this most DMA devices should be able to use type ‘‘A’’ timing
290476 – 75
Figure 12 Type ‘‘A’’ DMA Read Transfers (6 BCLKS)
133



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com