Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 136 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 136 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 132Page - Intel Corporation 82374EB Datasheet HTML 133Page - Intel Corporation 82374EB Datasheet HTML 134Page - Intel Corporation 82374EB Datasheet HTML 135Page - Intel Corporation 82374EB Datasheet HTML 136Page - Intel Corporation 82374EB Datasheet HTML 137Page - Intel Corporation 82374EB Datasheet HTML 138Page - Intel Corporation 82374EB Datasheet HTML 139Page - Intel Corporation 82374EB Datasheet HTML 140Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 208 page
background image
82374EB82374SB
Fixed Priority
The initial fixed priority structure is as follows
High priority
Low priority
(0 1 2 3) 5 6 7
The fixed priority ordering is 0 1 2 3 5 6 and 7 In this scheme Channel 0 has the highest priority and
Channel 7 has the lowest priority Channels 30 of DMA-1 assume the priority position of Channel 4 in DMA-
2 thus taking priority over Channels 5 6 and 7
Rotating Priority
Rotation allows for ‘‘fairness’’ in priority resolution The priority chain rotates so that the last channel serviced
is assigned the lowest priority in the Channel group (0-3 5-7) Channels 0-3 rotate as a group of 4 They are
always placed between Channel 5 and Channel 7 in the priority list Channel 5-7 rotate as part of a group of 4
That is Channels (5-7) form the first three partners in the rotation while Channel group (0-3) comprises the
fourth position in the arbitration Table 15 demonstrates rotation priority
Table 15 Rotating Priority Example
Programmed Mode
Action
Priority
High
Low
Group (0-3) is in rotation mode
1) Initial Setting
(0 1 2 3) 5 6 7
Group (4-7) is in fixed mode
2) After servicing channel 2
(3 0 1 2) 5 6 7
3) After servicing channel 3
(0 1 2 3) 5 6 7
Group (0-3) in rotation mode
1) Initial Setting
(0 1 2 3) 5 6 7
Group (4-7) is in rotation mode
2) After servicing channel 0
5 6 7 (1 2 3 0)
3) After servicing channel 5
6 7 (1 2 3 0) 5
(note that the first servicing of
4) After servicing channel 6
7 (1 2 3 0) 5 6
channel 0 caused double rotation)
5) After servicing channel 7
(1 2 3 0) 5 6 7
66 Scatter-Gather Functional Description
Scatter-Gather provides the capability of transferring multiple buffers between memory and IO without CPU
intervention In Scatter-Gather the DMA can read the memory address and word count from an array of buffer
descriptors called the Scatter-Gather Descriptor (SGD) Table This allows the DMA to sustain DMA transfers
until all buffers in the Scatter-Gather Descriptor Table are transferred
The Scatter-Gather Command register and Scatter-Gather Status register are used to control the operational
aspect of Scatter-Gather transfers (see Section 32 for details of these registers) The Scatter-Gather Descrip-
tor Next Link register holds the address of the next buffer descriptor in the Scatter-Gather Descriptor Table
The next buffer descriptor is fetched from the Scatter-Gather Descriptor Table by a DMA read transfer
DACK
will not be asserted for this transfer because the IO device is the DMA itself and the DACK is internal
to the ESC The ESC will assert IOWC
for these bus cycles like any other DMA transfer The ESC will behave
as an 8-bit IO slave and will run type ‘‘B’’ timings for a Scatter-Gather buffer descriptor transfer EOP will be
asserted at the end of the transfer
136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com