Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 138 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 138 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 134Page - Intel Corporation 82374EB Datasheet HTML 135Page - Intel Corporation 82374EB Datasheet HTML 136Page - Intel Corporation 82374EB Datasheet HTML 137Page - Intel Corporation 82374EB Datasheet HTML 138Page - Intel Corporation 82374EB Datasheet HTML 139Page - Intel Corporation 82374EB Datasheet HTML 140Page - Intel Corporation 82374EB Datasheet HTML 141Page - Intel Corporation 82374EB Datasheet HTML 142Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 208 page
background image
82374EB82374SB
290476 – 79
Figure 16 Link List Example
67 Register Functionality
See Section 32 for detailed information on register programming bit definitions and default valuesfunctions
after a reset
DMA Channel 4 is used to cascade the two DMA controllers together and should not be programmed for any
mode other than cascade The Mode register for Channel 4 will default to cascade mode Special attention
should also be take when programming the Command and Mask registers as related to Channel 4 (refer to the
Command and Mask register descriptions Section 32)
671 ADDRESS COMPATIBILITY MODE
Whenever the DMA is operating in Address Compatibility mode the addresses do not increment or decrement
through the High and Low Page registers and the high page register is set to 00h This is compatible with the
82C37 and Low Page register implementation used in the PC AT This mode is set when any of the lower three
address bytes of a channel are programmed If the upper byte of a channel’s address is programmed last the
channel will go into Extended Address Mode In this mode the high byte may be any value and the address
will increment or decrement through the entire 32-bit address
138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com