Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 142 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 142 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 138Page - Intel Corporation 82374EB Datasheet HTML 139Page - Intel Corporation 82374EB Datasheet HTML 140Page - Intel Corporation 82374EB Datasheet HTML 141Page - Intel Corporation 82374EB Datasheet HTML 142Page - Intel Corporation 82374EB Datasheet HTML 143Page - Intel Corporation 82374EB Datasheet HTML 144Page - Intel Corporation 82374EB Datasheet HTML 145Page - Intel Corporation 82374EB Datasheet HTML 146Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 208 page
background image
82374EB82374SB
69 Terminal CountEOP Summary
Table 19 is a summary of the events that happen as a result of a terminal count or external EOP when running
DMA in various modes
Table 19 Terminal CountEOP Summary Table
Conditions
AUTOINIT
No
Yes
Event
Word Counter Expired
Yes
X
Yes
X
EOP Input
X
Asserted
X
Asserted
Result
Status TC
set
set
set
set
Mask
set
set
SW Request
clr
clr
clr
clr
Current Register
load
load
NOTES
1 loadeLoad Current From Base
2 ‘‘-’’eNo Change
3 XeDon’t Care
4 clreClear
610 Buffer Chaining
The buffer chaining mode of a channel is useful for transferring data from a peripheral to several different
areas of memory within one transfer operation (from the DMA device’s viewpoint) This is accomplished by
causing the DMA to interrupt the CPU for more programming information while the previously programmed
transfer is still in progress Upon completion of the previous transfer the DMA controller will then load the new
transfer information automatically In this way the entire transfer can be completed without interrupting the
operation of the DMA device This mode is most useful for DMA single-cycle or demand modes where the
transfer process allows time for the CPU to execute the interrupt routine
The buffer chaining mode of a channel may be entered by programming the address and count of a transfer as
usual After the initial address and count is programmed the Base registers are selected via the Chaining
Mode register Chaining Mode Enabled bit The address and count for the second transfer and both the
Chaining Mode Enabled and the Program Complete bit of the Chaining Mode register should be programmed
at this point before starting the DMA process When during the DMA process the Current Buffer is expired
the Base address Page and Count registers will be transferred to the Current registers and a signal that the
buffer has been expired is sent to the programming master
This signal will be an IRQ13 if the master is the CPU or a TC if the programming master is an EISA Master
device The type of programming master is indicated in the DMA’s Chaining Mode Register bit 4 If the CPU is
the programming master for the Channel TC will be generated only if the Current buffer expires and there is no
Next Buffer stored in the Base registers
142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com