Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 139 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 139 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 135Page - Intel Corporation 82374EB Datasheet HTML 136Page - Intel Corporation 82374EB Datasheet HTML 137Page - Intel Corporation 82374EB Datasheet HTML 138Page - Intel Corporation 82374EB Datasheet HTML 139Page - Intel Corporation 82374EB Datasheet HTML 140Page - Intel Corporation 82374EB Datasheet HTML 141Page - Intel Corporation 82374EB Datasheet HTML 142Page - Intel Corporation 82374EB Datasheet HTML 143Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 208 page
background image
82374EB82374SB
After reset is negated all channels will be set to Address Compatibility Mode The DMA Master Clear com-
mand will also reset the proper channels to Address Compatibility Mode The Address Compatibility Mode bits
are stored on a per channel basis
672 SUMMARY OF THE DMA TRANSFER SIZES
Table 16 lists each of the DMA device transfer sizes The column labeled ‘‘Word Count Register’’ indicates
that the register contents represent either the number of bytes to transfer or the number of 16-bit words to
transfer The column labeled ‘‘Current Address Register IncrementDecrement’’ indicates the number added
to or taken from the Current Address register after each DMA transfer cycle The Mode Register determines if
the Current Address register will be incremented or decremented
Table 16 DMA Transfer Size
DMA Device Date Size And Word Count
Word Count
Current Address
Register
IncrementDecrement
8-bit IO Count By Bytes
Bytes
1
16-bit IO Count By Words (Address Shifted)
Words
1
16-bit IO Count By Bytes
Bytes
2
32-bit IO Count By Bytes
Bytes
4
673 ADDRESS SHIFTING WHEN PROGRAMMED FOR 16-BIT IO COUNT BY WORDS
To maintain compatibility with the implementation of the DMA in the PCAT which used the 82C37 the DMA
will shift the addresses when the Extended Mode register is programmed for or defaulted to transfers tofrom
a 16-bit device count673-by-words Note that the least significant bit of the Low Page register is dropped in
16-bit shifted mode When programming the Current Address register while the DMA channel is in this mode
the Current Address must be programmed to an even address with the address value shifted right by one bit
The address shifting is as shown in Table 17
Table 17 Address Shifting in 16-Bit IO DMA Transfers
Output
8-Bit IO
16-Bit IO
16-Bit IO
32-Bit IO
Address
Programmed
Programmed
Programmed
Programmed
Address
Address (Shifted)
Address (No Shift)
Address (No Shift)
A0
A0
‘‘0’’
A0
A0
161
A 161
A 150
A 1601
A 1601
A 3117
A 3117
A 3117
A 3117
A 3117
NOTE
The least significant bit of the Low Register is dropped in 16-bit shifted mode
674 STOP REGISTERS (RING BUFFER DATA STRUCTURE)
To support a common data communication data structure (the ring buffer) a set of DMA registers have been
provided These registers are called Stop registers Each channel has 22-bits of register location associated
with it The 22-bits are distributed between three different registers (one 8-bit and two 8-bit) The Stop registers
can be enabled or disabled by writing to the channel’s corresponding Extended Mode register
The ring buffer data structure reserves a fixed portion of memory on Dword boundaries to be used for a DMA
channel Consecutively received frames or other data structures are stored sequentially within the boundaries
of the ring buffer memory
139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com