Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 135 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 135 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 131Page - Intel Corporation 82374EB Datasheet HTML 132Page - Intel Corporation 82374EB Datasheet HTML 133Page - Intel Corporation 82374EB Datasheet HTML 134Page - Intel Corporation 82374EB Datasheet HTML 135Page - Intel Corporation 82374EB Datasheet HTML 136Page - Intel Corporation 82374EB Datasheet HTML 137Page - Intel Corporation 82374EB Datasheet HTML 138Page - Intel Corporation 82374EB Datasheet HTML 139Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 208 page
background image
82374EB82374SB
644 TYPE ‘‘C’’ (BURST) TIMING
Type ‘‘C’’ (burst) timing is provided for EISA DMA devices The DMA slave device needs to monitor EXRDY
and IORC
or IOWC
signals to determine when to change the data (on writes) or sample the data (on
reads) This timing will allow up to 33 MBytes per second transfer rate with a 32-bit DMA device and 32-bit
memory Note that 8- or 16-bit DMA devices are supported (through the programmable DMA address incre-
ment) and that they use the ‘‘byte lanes’’ natural to their size for the data transfer As with all bursts the
system will revert to two BCLK cycles if the memory does not support burst When a DMA burst cycle
accesses non-burst memory and the DMA cycle crosses a page boundary into burstable memory the ESC will
continue performing standard (non-burst) cycles This will not cause a problem since the data is transferred
correctly
290476 – 77
Figure 14 Type ‘‘C’’ (Burst) DMA Read Transfers (1 BCLK)
65 Channel Priority
For priority resolution the DMA consists of two logical channel groups-channels 0-3 and channels 4-6 Each
group may be in either Fixed or Rotate mode as determined by the Command register
For arbitration purposes the source of the DMA request is transparent DMA IO slaves normally assert their
DREQ line to arbitrate for DMA service However a software request for DMA service can be presented
through each channel’s DMA Request register A software request is subject to the same prioritization as any
hardware request Please see the detailed register description in Section 30 for Request Register program-
ming information
135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com