Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 131 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 131 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 127Page - Intel Corporation 82374EB Datasheet HTML 128Page - Intel Corporation 82374EB Datasheet HTML 129Page - Intel Corporation 82374EB Datasheet HTML 130Page - Intel Corporation 82374EB Datasheet HTML 131Page - Intel Corporation 82374EB Datasheet HTML 132Page - Intel Corporation 82374EB Datasheet HTML 133Page - Intel Corporation 82374EB Datasheet HTML 134Page - Intel Corporation 82374EB Datasheet HTML 135Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 208 page
background image
82374EB82374SB
624 CASCADE MODE
This mode is used to cascade more than one DMA controller together for simple system DMA requests for the
additional device propagate through the priority network circuitry of the preceding device The priority chain is
preserved and the new device must wait for its turn to acknowledge requests Within the ESC architecture
Channel 0 of DMA Controller two (DMA-2 Ch 4) is used to cascade DMA Controller one (DMA-1) to provide a
total of seven DMA channels Channel 0 on DMA-2 (labeled Ch 4 overall) connects the second half of the
DMA system This channel is not available for any other purpose
In Cascade Mode the DMA Controller will respond to DREQ with DACK but the ESC will not drive the bus
Cascade mode is also used to allow direct access of the system by 16-bit bus masters These devices use the
DREQ and DACK signals to arbitrate for the system bus and then they drive the address and command lines
to control the bus The ISA master asserts its ISA master request line (DREQx) to the DMA internal arbiter If
the ISA master wins the arbitration the ESC responds with an ISA Master Acknowledge (DACKx) signal active
Upon sampling the DACKx line active the ISA Master asserts MASTER16
signal and takes control of the
EISA bus The ISA Master has control of the EISA Bus and the ISA Master may run cycles until it negates the
MASTER16
signal
63 DMA Transfer Types
Each of the three active transfer modes (Single Block or Demand) can perform three different types of
transfers These transfers are Read Write and Verify
Write Transfer
Write transfers move data from an EISAISA IO device to memory located on EISAISA Bus or PCI Bus The
DMA indicates the transfer type to the EISA bus controller The bus controller will activate IORC
and the
appropriate EISA control signals (MIO
and WR ) to indicate a memory write
Read Transfer
Read transfers move data from EISAISA or PCI memory to an EISAISA IO device The DMA indicates the
transfer type to the EISA bus controller The bus controller will activate IOWC
and the appropriate EISA
control signals (MIO
and WR ) to indicate a memory read
Verify Transfer
Verify transfers are pseudo transfers The DMA controller operates as in Read or Write transfers generating
addresses and producing TC etc However the ESC does not assert the memory and IO control signals
Only the DACK signals are asserted Internally the DMA controller will count BCLKs so that the DACK signals
have a defined pulse width This pulse width is nine BCLKs long If Verify transfers are repeated during Block
or Demand DMA requests each additional pseudo transfer will add eight BCLKs The DACK signals will not be
toggled for repeated transfers
64 DMA Timing
The ESC DMA provides four transfer timings In addition to the compatible timings the ESC DMA provides
Type ‘‘A’’ Type ‘‘B’’ and Type ‘‘C’’ (burst) timings for IO slave devices capable of running at faster speeds
131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com