Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 128 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 128 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 124Page - Intel Corporation 82374EB Datasheet HTML 125Page - Intel Corporation 82374EB Datasheet HTML 126Page - Intel Corporation 82374EB Datasheet HTML 127Page - Intel Corporation 82374EB Datasheet HTML 128Page - Intel Corporation 82374EB Datasheet HTML 129Page - Intel Corporation 82374EB Datasheet HTML 130Page - Intel Corporation 82374EB Datasheet HTML 131Page - Intel Corporation 82374EB Datasheet HTML 132Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 208 page
background image
82374EB82374SB
592 MACKX
GENERATION
The ESC generates the EISA Master Acknowledge signals if the ESC is configured for to directly support 4
masters through Mode Select register bit 10 In this case the ESC generates MACKx s for Master 0-3 If the
ESC is programmed to support more than 4 EISA slots the ESC will generate Encoded (E)MACKx s Discrete
logic like a F138 is required to generate the MACKx s for the Masters
Table 14 Encoded MACK
(EMACKx ) Generation
EMACK 41
MACK7
MACK6
MACK5
MACK4
MACK3
MACK2
MACK1
MACK0
0000
1
1
1
1
1
1
1
0
0001
1
1
1
1
1
1
0
1
0010
1
1
1
1
1
0
1
1
0011
1
1
1
1
0
1
1
1
0100
1
1
1
0
1
1
1
1
0101
1
1
0
1
1
1
1
1
0110
1
0
1
1
1
1
1
1
0111
0
1
1
1
1
1
1
1
1111
1
1
1
1
1
1
1
1
NOTE
EMACK 41 combinations 1000 – 1110 are Reserved
60 DMA CONTROLLER
61 DMA Controller Overview
The DMA circuitry incorporates the functionality of two 82C37 DMA controllers with seven independently
programmable channels (Channels 0-3 and Channels 5-7) DMA Channel 4 is used to cascade the two
controllers together and will default to cascade mode in the Mode register In addition to accepting requests
from DMA slaves the DMA also responds to requests that are initiated by software Software may initiate a
DMA service request by setting any DMA Channel Request register bit to a 1 The DMA controller for Channels
0-3 is referred to as ‘‘DMA-1’’ and the controller for Channels 4-7 is ‘‘DMA-2’’
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com