Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 129 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 129 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 125Page - Intel Corporation 82374EB Datasheet HTML 126Page - Intel Corporation 82374EB Datasheet HTML 127Page - Intel Corporation 82374EB Datasheet HTML 128Page - Intel Corporation 82374EB Datasheet HTML 129Page - Intel Corporation 82374EB Datasheet HTML 130Page - Intel Corporation 82374EB Datasheet HTML 131Page - Intel Corporation 82374EB Datasheet HTML 132Page - Intel Corporation 82374EB Datasheet HTML 133Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 208 page
background image
82374EB82374SB
290476 – 72
Figure 9 Internal DMA Controller
Each DMA channel can be programmed for 8- or 16-bit DMA device size Each channel can also be pro-
grammed for compatibility Type ‘‘A’’ Type ‘‘B’’ or Type ‘‘C’’(burst transfer) timings Each DMA channel
defaults to the PC-AT compatible settings for DMA device size channels 30 default to 8-bit count-by-bytes
transfers while channels 75 default to 16-bit count-by-words (address shifted) transfers The ESC provides
the timing control and data size translation necessary for DMA transfers between EISAISA agents of mis-
matched bus sizes
The DMA Controller supports full 32-bit addressing Each channel includes a 16-bit ISA compatible Current
register which holds the 16 least-significant bits of the 32-bit address and an ISA compatible Low Page
register which contains the eight second most significant bits An additional High Page register contains the
eight most significant bits of the 32-bit address The address counter can be programmed as either 16-bit
compatible address counter or a full 32-bit address counter
The channels can also be programmed for any of four transfer modes The transfer modes include single
block demand or cascade Each of the three active transfer modes (single block and demand) can perform
three different types of transfers (read write or verify)
The DMA Controller also features refresh address generation and auto-initialization following a DMA termina-
tion EISA compatible buffer chaining is included as well as Stop registers to support ring buffer structures
Scatter-Gather reduces CPU overhead by eliminating reprogramming of the DMA and IO between buffers as
well as reducing the number of interrupts
The DMA Controller includes the EISA Bus arbiter which works with the PCEB’s PCI bus arbiter The arbiter
determines which requester from among the requesting DMA slaves EISA bus masters the PCI bus or
Refresh should have the bus
129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com