Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 146 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 146 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 142Page - Intel Corporation 82374EB Datasheet HTML 143Page - Intel Corporation 82374EB Datasheet HTML 144Page - Intel Corporation 82374EB Datasheet HTML 145Page - Intel Corporation 82374EB Datasheet HTML 146Page - Intel Corporation 82374EB Datasheet HTML 147Page - Intel Corporation 82374EB Datasheet HTML 148Page - Intel Corporation 82374EB Datasheet HTML 149Page - Intel Corporation 82374EB Datasheet HTML 150Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 208 page
background image
82374EB82374SB
722 EISA MASTER PREEMPTION
EISA specification requires that EISA Masters must release the bus within 64 BCLKs (8 ms) after the ESC
negates MACKx
If the bus master attempts to start a new bus cycle after this timeout period a bus timeout
(NMI) is generated and the RSTDRV is asserted to reset the offending bus master
723 DMA PREEMPTION
A DMA slave device that is not programmed for compatible timing is preempted from the EISA Bus by another
device that requests use of the bus This will occur regardless of the priority of the pending request For DMA
devices not using compatible timing mode the DMA controller stops the DMA transfer and releases the bus
within 32 BCLK (4 ms) of a preemption request Upon the expiration of the 4 ms timer the DACK is negated
after the current DMA cycle has completed The EISA Bus then arbitrated for and granted to the highest
priority requester This feature allows flexibility in programming the DMA for long transfer sequences in a
performance timing mode while guaranteeing that vital system services such as Refresh are allowed access to
the expansion bus
The 4 ms timer is not used in compatible timing mode It is only used for DMA channels programmed for Type
‘‘A’’ Type ‘‘B’’ or Type ‘‘C’’ (Burst) timing The 4 ms timer is also not used for 16-bit ISA masters cascaded
through the DMA DREQ lines
If the DMA channel that was preempted by the 4 ms timer is operating in Block mode an internal bit will be set
so that the channel will be arbitrated for again independent of the state of DREQ
73 Slave Timeouts
A slave which does not release EXRDY or CHRDY can cause the CMD
active time to exceed 256 BCLKs
(32 ms) The ESC does not monitor EXRDY or CHRDY for this timeout Typically this function is provided in a
system through a third party add-in card The add-in cards which monitor EXRDY or CHRDY assert IOCHK
signal when the 256 BCLK count expires The ESC in response asserts NMI
The only way that a 16-bit ISA Master can be preempted from the EISA bus is if it exceeds the 256 BCLK
(32 ms) limit on CMD
active
74 Arbitration During Non-Maskable Interrupts
If a non-maskable interrupt (NMI) is pending at the PCEB and the PCEB is requesting the bus the DMA and
EISA Masters will be bypassed each time they come up for rotation This gives the PCEB the EISA Bus
bandwidth on behalf of the CPU to process the interrupt as fast as possible
80 INTERVAL TIMERS
The ESC contains five countertimers that are equivalent to those found in the 82C54 programmable interval
timer The five counters are contained in two separate ESC timer units referred to as Timer-1 and Timer-2
The ESC uses the Timers to implement key EISA system functions Timer-1 contains three counters and
Timer-2 contains two counters EISA systems do not use the middle counter on Timer-2
Interval Timer 1 Counter 0 is connected to the interrupt controller IRQ0 and provides a system timer interrupt
for a time-of-day diskette time-out or other system timing functions Counter 1 generates a refresh-request
signal and Counter 2 generates the tone for the speaker
146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com