Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 149 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 149 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 145Page - Intel Corporation 82374EB Datasheet HTML 146Page - Intel Corporation 82374EB Datasheet HTML 147Page - Intel Corporation 82374EB Datasheet HTML 148Page - Intel Corporation 82374EB Datasheet HTML 149Page - Intel Corporation 82374EB Datasheet HTML 150Page - Intel Corporation 82374EB Datasheet HTML 151Page - Intel Corporation 82374EB Datasheet HTML 152Page - Intel Corporation 82374EB Datasheet HTML 153Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 208 page
background image
82374EB82374SB
The ReadWrite Logic selects the Control Word register during an IO write when address lines A1 A0e11
This condition occurs during an IO write to port addresses 043h and 04Bh the addresses for the Control
Word Register on Timer 1 and Control Word Register on Timer 2 respectively If the CPU writes to port 043h or
port 04Bh the data is stored in the respective Control Word Register and is interpreted as a Control Word
used to define the operation of the Counters
The Control Word Register is write-only Counter Status information is available with the Read-Back Com-
mand
Table 22 Counter Operating Modes
Mode
Function
0
Out signal on end of count (e0)
1
Hardware retriggerable one-shot
2
Rate generator (divide by n counter)
3
Square wave output
4
Software triggered strobe
5
Hardware triggered strobe
Because the timer counters come up in an unknown state after power up multiple refresh requests may be
queued up To avoid possible multiple refresh cycles after power up program the timer counter immediately
after power up
Write Operations
Programming the interval timer is a simple process
1 Write a control word
2 Write an initial count for each counter
3 Load the least andor most significant bytes (as required by Control Word Bits 5 4) of the 16-bit counter
The programming procedure for the ESC timer units is very flexible Only two conventions need to be ob-
served First for each Counter the Control Word must be written before the initial count is written Second the
initial count must follow the count format specified in the Control Word (least significant byte only most
significant byte only or least significant byte and then most significant byte)
Since the Control Word Register and the three Counters have separate addresses (selected by the A1 A0
inputs) and each Control Word specifies the Counter it applies to (SC0 SC1 bits) no special instruction
sequence is required Any programming sequence that follows the conventions above is acceptable
A new initial count may be written to a Counter at any time without affecting the Counter’s programmed Mode
in any way Counting will be effected as described in the Mode definitions The new count must follow the
programmed count format
If a Counter is programmed to readwrite two-byte counts the following precaution applies A program must
not transfer control between writing the first and second byte to another routine which also writes into that
same Counter Otherwise the Counter will be loaded with an incorrect count
Interval Timer Control Word Format
The Control Word specifies the counter the operating mode the order and size of the COUNT value and
whether it counts down in a 16-bit or binary-coded decimal (BCD) format After writing the control word a new
count may be written at any time The new value will take effect according to the programmed mode
149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com