Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 152 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 152 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 148Page - Intel Corporation 82374EB Datasheet HTML 149Page - Intel Corporation 82374EB Datasheet HTML 150Page - Intel Corporation 82374EB Datasheet HTML 151Page - Intel Corporation 82374EB Datasheet HTML 152Page - Intel Corporation 82374EB Datasheet HTML 153Page - Intel Corporation 82374EB Datasheet HTML 154Page - Intel Corporation 82374EB Datasheet HTML 155Page - Intel Corporation 82374EB Datasheet HTML 156Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 208 page
background image
82374EB82374SB
290476 – 82
Figure 19 Block Diagram of the Interrupt Controller
Table 23 lists the IO port address map for the interrupt registers
Table 23 IO Address Map
Interrupts
IO Address
of bits
Register
IRQ 70
0020h
8
CNTRL-1 Control Register
IRQ 70
0021h
8
CNTRL-1 Mask Register
IRQ 70
04D0h
8
CNTRL-1 EdgeLevel Control Register
IRQ 158
00A0h
8
CNTRL-2 Control Register
IRQ 158
00A1h
8
CNTRL-2 Mask Register
IRQ 158
04D1h
8
CNTRL-2 EdgeLevel Control Register
IRQ0 and IRQ2 are connected to the interrupt controllers internally The other interrupts are always generated
externally IRQ12 and IRQ13 may be generated internally through the ABFULL and FERR
signals respec-
tively
152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com