Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 150 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 150 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 146Page - Intel Corporation 82374EB Datasheet HTML 147Page - Intel Corporation 82374EB Datasheet HTML 148Page - Intel Corporation 82374EB Datasheet HTML 149Page - Intel Corporation 82374EB Datasheet HTML 150Page - Intel Corporation 82374EB Datasheet HTML 151Page - Intel Corporation 82374EB Datasheet HTML 152Page - Intel Corporation 82374EB Datasheet HTML 153Page - Intel Corporation 82374EB Datasheet HTML 154Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 208 page
background image
82374EB82374SB
If a counter is programmed to readwrite two-byte counts the following precaution applies A program must
not transfer control between writing the first and second byte to another routine which also writes into that
same counter Otherwise the counter will be loaded with an incorrect count The count must always be
completely loaded with both bytes
Read Operations
It is often desirable to read the value of a Counter without disturbing the count in progress This is easily done
in the ESC timer units
There are three possible methods for reading the counters a simple read operation the Counter Latch
Command and the Read-Back Command
Counter IO Port Read
The first method is to perform a simple read operation To read the Counter the CLK input of the selected
Counter must be inhibited by using either the GATE input or external logic Otherwise the count may be in the
process of changing when it is read giving an undefined result When reading the count value directly follow
the format programmed in the control register read LSB read MSB or read LSB then MSB Within the ESC
timer unit the GATE input on Timer 1 Counter 0 Counter 1 and Timer 2 Counter 0 are tied high Therefore the
direct register read should not be used on these two counters The GATE input of Timer 1 Counter 2 is
controlled through IO port 061h If the GATE is disabled through this register direct IO reads of port 042h
will return the current count value
Counter Latch Command
The Counter Latch command latches the count at the time the command is received This command is used to
insure that the count read from the counter is accurate (particularly when reading a two-byte count) The count
value is then read from each counter’s Count register as was programmed by the Control register
The selected Counter’s output latch (OL) latches the count at the time the Counter Latch Command is
received This count is held in the latch until it is read by the CPU (or until the Counter is reprogrammed) The
count is then unlatched automatically and the OL returns to ‘‘following’’ the counting element (CE) This allows
reading the contents of the Counters ‘‘on the fly’’ without effecting counting in progress Multiple Counter
Latch Commands may be used to latch more than one Counter Each latched Counter’s OL holds its count
until it is read Counter Latch Commands do not effect the programmed Mode of the Counter in any way The
Counter Latch Command can be used for each counter in the ESC timer unit
If a Counter is latched and then some time later latched again before the count is read the second Counter
Latch Command is ignored The count read will be the count at the time the first Counter Latch Command was
issued
With either method the count must be read according to the programmed format specifically if the Counter is
programmed for two byte counts two bytes must be read The two bytes do not have to be read one right after
the other read write or programming operations for other Counters may be inserted between them
Another feature of the ESC timer unit is that reads and writes of the same Counter may be interleaved For
example if the Counter is programmed for two byte counts the following sequence is valid
1 Read least significant byte
2 Write new least significant byte
3 Read most significant byte
4 Write new most significant byte
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com