| Electronic Components Datasheet Search |
|
82374EB Datasheet(PDF) 151 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
82374EB Datasheet(HTML) 151 Page - Intel Corporation |
|
151 / 208 page ![]() 82374EB82374SB One precaution is worth noting If a Counter is programmed to readwrite two-byte counts a program must not transfer control between reading the first and second byte to another routine which also reads from that same Counter Otherwise an incorrect count will be read Read Back Command The third method uses the Read-Back command The Read-Back command is used to determine the count value programmed mode and current states of the OUT pin and Null Count flag of the selected counter or counters The Read-Back command is written to the Control Word register which causes the current states of the above mentioned variables to be latched The value of the counter and its status may then be read by IO access to the counter address The read-back command may be used to latch multiple counter output latches (OL) by setting the COUNT bit D5e0 and selecting the desired counter(s) This single command is functionally equivalent to several counter latch commands one for each counter latched Each counter’s latched count is held until it is read (or the counter is reprogrammed) Once read a counter is automatically unlatched The other counters remain latched until they are read If multiple count read-back commands are issued to the same counter without reading the count all but the first are ignored ie the count which will be read is the count at the time the first read-back command was issued The read-back command may also be used to latch status information of selected counter(s) by setting STATUS bit D4e0 Status must be latched to be read The status of a counter is accessed by a read from that counter’s IO port address If multiple counter status latch operations are performed without reading the status all but the first are ignored The status returned from the read is the counter status at the time the first status read-back command was issued Both count and status of the selected counter(s) may be latched simultaneously by setting both the COUNT and STATUS bits 54 e00b This is functionally the same as issuing two consecutive separate read-back commands The above discussions apply here also Specifically if multiple count andor status read-back commands are issued to the same counter(s) without any intervening reads all but the first are ignored If both count and status of a counter are latched the first read operation from that counter will return the latched status regardless of which was latched first The next one or two reads (depending on whether the counter is programmed for one or two type counts) return the latched count Subsequent reads return un- latched count 90 INTERRUPT CONTROLLER The ESC provides an EISA compatible interrupt controller which incorporates the functionality of two 82C59 interrupt controllers The two controllers are cascaded so that 14 external and two internal interrupts are possible The master interrupt controller provides IRQ 70 and the slave interrupt controller provides IRQ 158 (Figure 19) The two internal interrupts are used for internal functions only and are not available at the chip periphery IRQ2 is used to cascade the two controllers together and IRQ0 is used as a system timer interrupt and is tied to Interval Timer 1 Counter 0 The remaining 14 interrupt lines (IRQ1 IRQ3-IRQ15) are available for external system interrupts Edge or level sense selection is programmable on a by-controller basis The Interrupt Controller consists of two separate 82C59 cores Interrupt Controller 1 (CNTRL-1) and Interrupt Controller 2 (CNTRL-2) are initialized separately and can be programmed to operate in different modes The default settings are 80x86 Mode Edge Sensitive (IRQ0-15) Detection Normal EOI Non-Buffered Mode Special Fully Nested Mode disabled and Cascade Mode CNTRL-1 is connected as the Master Interrupt Controller and CNTRL-2 is connected as the Slave Interrupt Controller 151 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |