Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 147 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 147 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 143Page - Intel Corporation 82374EB Datasheet HTML 144Page - Intel Corporation 82374EB Datasheet HTML 145Page - Intel Corporation 82374EB Datasheet HTML 146Page - Intel Corporation 82374EB Datasheet HTML 147Page - Intel Corporation 82374EB Datasheet HTML 148Page - Intel Corporation 82374EB Datasheet HTML 149Page - Intel Corporation 82374EB Datasheet HTML 150Page - Intel Corporation 82374EB Datasheet HTML 151Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 208 page
background image
82374EB82374SB
Interval Timer 2 Counter 0 implements a fail safe timer Counter 0 generates NMI at regular intervals thus
preventing the system from locking up Counter 1 is not used Counter 2 is used to slow down the CPU by
means of pulse-width modulation The output of Timer 2 Counter 2 is tied to the SLOWH
signal
Table 20 Interval Timer Functions
Function
Counter 0 System Timer
Counter 0 Fail-Safe Timer
Gate
Always On
Always On
Clock In
1193 MHz(OSC12)
0298 MHz(OSC48)
Out
INT-1 IRQ0
NMI Interrupt
Counter 1 Refresh Request
Gate
Always On
Clock In
1193 MHz(0SC12)
Out
Refresh Request
Counter 2
Counter 2
Gate
Programmable
Refresh Request
Clock In
Port 61h
Out
1193 MHz(OSC12)
8 MHz (BCLK)
Speaker
CPU Speed Control (SLOWH )
81 Interval Timer Address Map
Table 21 shows the IO address map of the interval timer counters
Table 21 Interval Timer IO Address Map
IO Port Address
Register Description
040h
Timer 1 System Timer (Counter 0)
041h
Timer 1 Refresh Request (Counter 1)
042h
Timer 1 Speaker Tone (Counter 2)
043h
Timer 1 Control Word Register
048h
Timer 2 Fail-Safe Timer (Counter 0)
049h
Timer 2 Reserved
04Ah
Timer 2 CPU Speed Control (Counter 2)
04Bh
Timer 2 Control Word Register
Timer 1Counter 0 System Timer
This counter functions as the system timer by controlling the state of IRQ 0 and is typically programmed for
Mode 3 operation The counter produces a square wave with a period equal to the product of the counter
period (838 ns) and the initial count value The counter loads the initial count value one counter period after
software writes the count value to the counter IO address The counter initially asserts IRQ 0 and decre-
ments the count value by two each counter period The counter negates IRQ 0 when the count value reaches
0 It then reloads the initial count value and again decrements the initial count value by two each counter
period The counter then asserts IRQ 0 when the count value reaches ‘‘0’’ reloads the initial count value and
repeats the cycle alternately asserting and negating IRQ 0
147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com