Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 192 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 192 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 188Page - Intel Corporation 82374EB Datasheet HTML 189Page - Intel Corporation 82374EB Datasheet HTML 190Page - Intel Corporation 82374EB Datasheet HTML 191Page - Intel Corporation 82374EB Datasheet HTML 192Page - Intel Corporation 82374EB Datasheet HTML 193Page - Intel Corporation 82374EB Datasheet HTML 194Page - Intel Corporation 82374EB Datasheet HTML 195Page - Intel Corporation 82374EB Datasheet HTML 196Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 208 page
background image
82374EB82374SB
1352 STPCLK
TIED TO BOTH SOCKETS
To support a glueless upgrade socket it is necessary to tie STPCLK
to both sockets For P54CCT proces-
sor configuration the P54CT processor will disable P54C and the toggling of STPCLK
has no effect to P54C
For a P54CCM DP configuration the toggling of STPCLK
effects both processors (unless the processor is
in Autohalt state) Both processors respond with a STPGNT special bus cycle after recognizing STPCLK
low
Both of the STPGNT special bus cycles are passed onto PCI by the PCMC as PCI STPGNT special cycles
The PCI STPGNT PCI cycle causes the PCEB component to assert the STPGNT
signal depending on how
the SCE bit in PCEB is programmed The ESC recognizes the first STPGNT
assertion and negates
STPCLK
upon the Stop Clock timer expiration or a stop break event
1353 SMI
INTR (APIC MODE)
When the APIC is used for interrupt delivery additional considerations exist regarding ordering If local inter-
rupts (LINT01) are used in APIC mode then the system can not guarantee an ordering between the local
interrupts and any related SMI
events
In DP mode interrupts can generally be directed to a specific processor which may not be the same proces-
sor that the SMI
is directed The IRQ blocking logic in the ESC still operates with APIC delivery mode Thus
if an IRQ is enabled to cause an SMI
event it will be blocked until the CSMIGATE is cleared regardless of
where the IRQ or SMI is to be directed by the APIC
140 ELECTRICAL CHARACTERISTICS
141 Maximum Ratings
Case Temperature Under Bias
b
65 Cto110 C
Storage Temperature
b
65 Cto150 C
Supply Voltages with Respect to Ground
b
05V to VCC a 05V
Voltage On Any Pin
b
05V to VCC a 05V
Power Dissipation
070W fully loaded
055W with four slots
WARNING
Stressing the device beyond the ‘‘Absolute Maximum Ratings’’ may cause permanent damage These
are stress ratings only Operating beyond the ‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond ‘‘Operating Conditions’’ may affect reliability
142 NAND Tree
A NAND Tree is provided primarily for VILVIH testing The NAND Tree is also useful for Automated Test
Equipment (ATE) at board-level testing The NAND Tree allows the tester to test the solder connections for
each individual signal pin
The TEST pin along with IRQ5 and IRQ3 activates the NAND Tree Asserting TEST causes the output pulse
train to appear on the EISAHOLD pin IRQ5 must be driven high in order to enable the NAND Tree The
assertion of IRQ3 causes the ESC to disable its buffers
192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com