Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 189 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 189 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 185Page - Intel Corporation 82374EB Datasheet HTML 186Page - Intel Corporation 82374EB Datasheet HTML 187Page - Intel Corporation 82374EB Datasheet HTML 188Page - Intel Corporation 82374EB Datasheet HTML 189Page - Intel Corporation 82374EB Datasheet HTML 190Page - Intel Corporation 82374EB Datasheet HTML 191Page - Intel Corporation 82374EB Datasheet HTML 192Page - Intel Corporation 82374EB Datasheet HTML 193Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 208 page
background image
82374EB82374SB
290476 – E1
Figure 34 System Events and the Fast Off Timer
EXTSMI
The EXTSMI
input pin provides the system designer the capability to invoke SMM with external hardware
For example the EXTSMI
input could be connected to a ‘‘green button’’ permitting the user to enter the Fast
Off state by depressing a button The EXTSMI
generation of an SMI is enableddisabled in the SMIEN
Register
Software Events
Software events (accessing the APMx Registers) indicate that the OS is passing power management informa-
tion to the SMI handler There are two Advanced Power Management (APM) registersAPM Control (APMC)
and APM Status (APMS) Registers These registers permit software to generate an SMI by writing to the
APMC Register For example the APMC can be used to pass an APM command between APM OS and BIOS
and the APMS Register could be used to pass data between the OS and the SMI handler For detailed
descriptions of these registers see Section 30 Register Description
The two APM Registers are located in normal IO space The PCEB subtractively decodes PCI accesses to
these registers and forwards the accesses to the EISA Bus The APM Registers are not accessible by EISA
masters Note that the remaining power management registers are located in PCI configuration space
133 SMI
And INIT Interaction
The SMI
input to the CPU is an edge sensitive signal When an S-series processor is reset (INIT asserted)
the processor resets the SMI
edge detect logic After INIT is negated it takes two clocks before the edge
detect circuit can catch an edge The ESC only asserts SMI
when INIT is negated If the ESC asserts SMI
and then the INIT signal is sampled asserted the ESC negates SMI
1331 CLOCK CONTROL
The CPU can be put in a low power state by asserting the STPCLK
signal STPCLK
is an interrupt to the
CPU However for this type of interrupt the CPU does not generate an interrupt acknowledge cycle Once the
STPCLK
interrupt is executed the CPU enters the stop grant state In this state the CPU’s internal clocks
are disabled and instruction execution is stopped The stop grant state is exited when the STPCLK
signal is
negated
189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com