Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 186 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 186 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 182Page - Intel Corporation 82374EB Datasheet HTML 183Page - Intel Corporation 82374EB Datasheet HTML 184Page - Intel Corporation 82374EB Datasheet HTML 185Page - Intel Corporation 82374EB Datasheet HTML 186Page - Intel Corporation 82374EB Datasheet HTML 187Page - Intel Corporation 82374EB Datasheet HTML 188Page - Intel Corporation 82374EB Datasheet HTML 189Page - Intel Corporation 82374EB Datasheet HTML 190Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 208 page
background image
82374EB82374SB
290476 – 91
Figure 32 X-Bus Data Buffer
The XBUSTR
signal controls the direction of the data flow of the F245 When the XBUSTR
signal is
high the data direction of the F245 buffer is from the XD 70 bus to the SD 70 bus The ESC drives the
XBUSTR
signal high during EISA master IO read cycles ISA master IO read cycles DMA write cycles
(write to memory) and memory read cycles decoded to be in the X-Bus BIOS address space The ESC also
drives the XBUSTR
signal high for DMA reads (reads from memorywrites to IO) from the X-Bus BIOS
address space The X-Bus BIOS address space is defined as the enabled regions and enabled aliases of the
BIOS memory space See Section 41 BIOS Memory Space for detailed description of the BIOS memory map
and the configuration bits
The XBUSOE
signal controls outputs of the F245 When the XBUSOE
signal is asserted the F245 drives
its A buffers or B buffers depending on the state of the XBUSTR
signal The ESC asserts the XBUSOE
signal for IO cycles decoded to be in the address range of the peripherals supported by the ESC if these
peripherals are enabled in the Peripheral Chip Select A register and Peripheral Chip Select B register
186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com