Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 183 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 183 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 179Page - Intel Corporation 82374EB Datasheet HTML 180Page - Intel Corporation 82374EB Datasheet HTML 181Page - Intel Corporation 82374EB Datasheet HTML 182Page - Intel Corporation 82374EB Datasheet HTML 183Page - Intel Corporation 82374EB Datasheet HTML 184Page - Intel Corporation 82374EB Datasheet HTML 185Page - Intel Corporation 82374EB Datasheet HTML 186Page - Intel Corporation 82374EB Datasheet HTML 187Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 208 page
background image
82374EB82374SB
The ESC asserts the KYBDCS
signal for IO cycles to addresses 60h (82374EBSB) 62h (82374EB only)
64h (82374EBSB) and 66h (82374EB only) if the Peripheral Chip Select A register bit 1 is set to 1 The ESC
uses the ABFULL signal to internally generate an interrupt request to the integrated Interrupt Controller on the
IRQ12 line if EISA Clock Divisor register bit 4 is set to 1 (Mouse Interrupt Enable) A low to high transition on
the ABFULL signal is internally latched by the ESC The high level on this latch remains until a write to IO port
60h is detected or the ESC is reset
The ALTRST
is used to reset the CPU under software control The ESC ALTRST
signal needs to be
AND’ed externally with the reset signal from the keyboard controller A write to the System Control Register
(092h) bit 0 to set the bit to a 1 from a 0 causes the ESC to pulse the ALTRST
signal ALTRST
is asserted
for approximately 4 BCLKs The ESC will not pulse the ALTRST
signal if bit 0 has previously been set to a 1
125 Real Time Clock
The ESC provides a glueless interface for the Real Time Clock in the system The ESC provides a Real Time
Clock Address Latch Enable signal (RTCALE) a Real Time Clock read Strobe(RTCRD ) and a Real Time
Clock Write strobe (RTCWR ) The ESC pulses the RTCALE signal asserted for one and a half BCLKs when
an IO write to address 70h is detected The ESC asserts RTCRD
signal and RTCWR
signal for IO read
and write accesses to address 71h respectively
The ESC also supports the power on password protection through the Real Time Clock The power on
password protection is enabled by setting the System Control register 092h bit 3 to a 1 The ESC does not
assert RTCRD
signal or RTCWR
signal for IO cycles to 71h if the access are addressed to Real Time
Clock addresses (write to 70h) 36h to 3Fh if the power on password protection is enabled
126 Floppy Disk Control Interface
The ESC supports interface to the 82077(SL) floppy disk controller chip The ESC provides a Floppy Disk
Controller Chip Select signal (FDCCS ) The ESC also provides a buffered Drive Interface (DSKCHG )
signal In addition the ESC generates the control for the disk light
The ESC supports both the primary address range (03F0h – 03F7h) and secondary address range (0370h –
0377h) of the Floppy Disk Controller The state of Peripheral Chip Select A register bit 5 determines which
address range is decoded by the ESC as access to Floppy Disk Controller If bit 5 is set to 0 the ESC will
decode the primary Floppy Disk Controller address range If bit 5 is set to 1 the ESC will decode the second-
ary Floppy Disk Controller address range
The ESC supports the Drive Interface signal During IO accesses to address 03F7h (primary) or 0377h
(secondary) the ESC drives the inverted state of the DSKCHG
signal on to the SD7 data line The ESC uses
the DSKCHG
signal to determine if the Floppy Disk Controller is present on the X-Bus If the DSKCHG
signal is samples low during reset the ESC will disable Floppy Disk Controller support
The ESC also supports the Disk Light function by generating the DLIGHT
signal If System Control 092h
register bit 6 or bit 7 is set to a 1 the ESC will assert the DLIGHT
signal
183



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com