Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 184 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 184 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 180Page - Intel Corporation 82374EB Datasheet HTML 181Page - Intel Corporation 82374EB Datasheet HTML 182Page - Intel Corporation 82374EB Datasheet HTML 183Page - Intel Corporation 82374EB Datasheet HTML 184Page - Intel Corporation 82374EB Datasheet HTML 185Page - Intel Corporation 82374EB Datasheet HTML 186Page - Intel Corporation 82374EB Datasheet HTML 187Page - Intel Corporation 82374EB Datasheet HTML 188Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 208 page
background image
82374EB82374SB
127 Configuration RAM Interface
The ESC provides the control signals for 8 Kbytes of external configuration RAM The configuration RAM is
used for storing EISA configuration system parameters The configuration RAM is IO mapped between
location 0800h – 08FFh Due to the IO address constraint (256 byte addresses for 8 Kbyte of RAM)
the
configuration RAM is organized in 32 pages of 256 bytes each The IO port 0C00h is used to store the
configuration RAM page address The ESC integrates this port as Configuration RAM Page register During a
read or a write to the configuration RAM address space 0800h – 08FFh the ESC drives the configuration RAM
page address by placing the content of the Configuration RAM Page Address register bits 40 on the EISA
Address line LA 3127
The ESC will also assert the CRAMRD
signal or the CRAMWR
signal for IO
read and write accesses to IO address 0800h – 08FFh The ESC will only generate the configuration RAM
page address and assert the CRAMRD
signal and CRAMWR
signal if the Peripheral Chip Select B register
bit 7 is set to 1
128 General Purpose Peripherals IDE Parallel Port and Serial Port Interface
The ESC provides three dual function pins (GPCS 20
ECS 20 ) The functionality of these pins is selected
through the configuration Mode Select register bit 4 If Mode Select register bit 4 is set to 0 the general
purpose chip select functionality is selected If Mode Select register bit 4 is set to 1 the encoded chip select
functionality is selected
In general purpose chip select mode the ESC generates three general purpose chip selects (GPCS 20
)
The decode for each general purpose chip selects is programmed through a set of three configuration regis-
ters General Purpose Chip Select x Base Low Address register General Purpose Chip Select x Base High
Address register and General Purpose Chip Select x Mask register Each General Purpose Peripheral can be
mapped anywhere in the 64 Kbytes of IO address The general purpose peripheral address range is program-
mable from 1 byte to 256 bytes with 2n granularity
In encoded chip select mode (ESC 20 ) in addition to decoding the general purpose chip select 0 address
and general purpose chip select 1 address the ESC also decodes IDE Parallel Ports and Serial Ports
addresses The encoded chip select mode requires an external decoder like a F138 to generate the device
chip selects from the ESC 20 signals
The ESC generates encoded chip selects for two Serial Ports COMACS
(ECS 20 e000) and COMBCS
(ESC 20 e001) The ESC supports Serial Port COM1 and Serial Port COM2 Accesses to Serial Port COM1
or Serial Port COM2 are individually programmed through Peripheral Chip Select B register bits 03 to gener-
ate a encoded chip select for COMACS
or COMBCS
290476 – 90
Figure 30 Encoded Chip Select Decoder Logic
184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com