Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 182 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 182 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 178Page - Intel Corporation 82374EB Datasheet HTML 179Page - Intel Corporation 82374EB Datasheet HTML 180Page - Intel Corporation 82374EB Datasheet HTML 181Page - Intel Corporation 82374EB Datasheet HTML 182Page - Intel Corporation 82374EB Datasheet HTML 183Page - Intel Corporation 82374EB Datasheet HTML 184Page - Intel Corporation 82374EB Datasheet HTML 185Page - Intel Corporation 82374EB Datasheet HTML 186Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 208 page
background image
82374EB82374SB
When the ESC detects an IO write to the internal port 00F0h the ESC deasserts the internal IRQ13 line to
the integrated Interrupt Controller At the same time the ESC asserts the IGNNE
signal The ESC keeps the
IGNNE
signal asserted until the FERR
signal is negated by the CPU
If the coprocessor error support is enabled in the EISA Clock Divider configuration register then the ESC
IRQ13 pins cannot be used and this pin should be tied to ground
290476 – 89
Figure 29 Coprocessor Interface Waveform
123 BIOS Interface
The ESC supports a total of 512 KBytes of BIOS memory The ESC asserts the LBIOSCS
signal for EISA or
ISA memory cycles decoded to be in the BIOS space The 512 KBytes of BIOS includes the conventional 128
KBytes of BIOS and 384 KBytes of enlarged BIOS The 128 KBytes of conventional BIOS is divided into
multiple regions Each region can be independently enabled or disabled by setting the appropriate bits in the
BIOS Chip Select A register and BIOS Chip Select B register The 128 KBytes of conventional BIOS is also
aliased at different locations within the memory space Refer to Section 41 BIOS Memory Space for details
The ESC generates the LBIOSCS
signal by internally latching the output of the BIOS address decode with
BALE signal The ESC asserts the LBIOSCS
for all read cycles in the enabled BIOS memory space The
ESC will assert LBIOSCS
signal for write cycles in the enabled BIOS memory space only if the BIOS Chip
Select B register bit 3 is set to 1 (BIOS write enable)
124 Keyboard Controller Interface
The ESC provides a complete interface to a glueless interface to a 8x42 Keyboard Controller The ESC
Keyboard Controller interface consists of Keyboard Controller Chip Select (KYBDCS ) signal Mouse interrupt
(ABFULL) signal The ESC also supports the fast Keyboard commands for CPU reset (ALTRST ) and ad-
dress A20 enable (ALTA20) by integrating Port 92h
182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com